Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1617 Arkusz danych(PDF) 2 Page - Hitachi Semiconductor

Numer części 2SA1617
Szczegółowy opis  Silicon PNP Epitaxial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SA1617 Arkusz danych(HTML) 2 Page - Hitachi Semiconductor

  2SA1617 Datasheet HTML 1Page - Hitachi Semiconductor 2SA1617 Datasheet HTML 2Page - Hitachi Semiconductor 2SA1617 Datasheet HTML 3Page - Hitachi Semiconductor 2SA1617 Datasheet HTML 4Page - Hitachi Semiconductor 2SA1617 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1617
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
–55
V
Collector to emitter voltage
V
CEO
–50
V
Emitter to base voltage
V
EBO
–5
V
Collector current
I
C
–100
mA
Collector power dissipation
P
C
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
–55
V
I
C = –10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
–50
V
I
C = –1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
–5
V
I
E = –10 µA, IC = 0
Collector cutoff current
I
CBO
–0.5
µAV
CB = –30 V, IE = 0
Emitter cutoff current
I
EBO
–0.5
µAV
EB = –2 V, IC = 0
DC current transfer ratio
h
FE*
1
100
320
V
CE = –12 V, IC = –2 mA
Collector to emitter saturation
voltage
V
CE(sat)
–0.2
V
I
C = –10 mA, IB = –1 mA
Base to emitter voltage
V
BE
–0.8
V
V
CE = –12 V, IC = –2 mA
Note:
1. The 2SA1617 is grouped by h
FE as follows.
Grade
B
C
Mark
VIB
VIC
h
FE
100 to 200
160 to 320
See charcteristic curves of 2SA1031


Podobny numer części - 2SA1617

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
2SA1617 KEXIN-2SA1617 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial
More results

Podobny opis - 2SA1617

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com