Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD101BW Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części SD101BW
Szczegółowy opis  Small Signal Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD101BW Arkusz danych(HTML) 1 Page - Micro Commercial Components

  SD101BW Datasheet HTML 1Page - Micro Commercial Components SD101BW Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For general purpose applications
The SD101AW to SD101CW series is a Metal-on-silicon
Schottky barrier device which is protected by a PN junction
Guard ring.
Low Forward Voltage Drop
Mechanical Data
Maximum Ratings @ 25
OC Unless Otherwise Specified
Characteristic
Symbol SD101AW SD101BW SD101CW
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
60V
50V
40V
DC Blocking Voltage
VR
Maximum sigle cycle surge 10us
square wave
IFSM
Power Dissipation(Note 1)
Pd
Thermal Resistance, Junction to
Ambient
R
Junction Tmperature
Tj
Storage Temp. Range
TSTG
-55 to +150
O
C
300K/W
400mW
2.0A
125
O
C
Electrical Characteristics @ 25
OC Unless Otherwise Specified
SD101AW
THRU
SD101CW
Small Signal
Schottky Diodes
Charateristic
Symbol
Max
Test Condition
Leakage Current
SD101AW
SD101BW
SD101CW
IR
200nA
200nA
200nA
VR=50V
VR=40V
VR=30V
Maximum Forward
SD101AW
Voltage Drop
SD101BW
SD101CW
SD101AW
SD101BW
SD101CW
VF
0.41V
0.4V
.39V
1V
0.95V
0.9V
IF=1mA
IF=15mA
Junction Cap.
SD101AW
SD101BW
SD101CW
C j
2.0pF
2.1pF
2.2pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
1ns
IF=IR=5mA, recover
to 0.1I R

A
B
E
C
J
D
H
G
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
0.036”
0.093
0.048”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
Polarity: Indicated by Cathode Band
Marking : SD101AW---S1 ; SD101BW---S2; SD101CW---S3
1 of 2
Features
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. Valid provided that electrodes are kept at ambient temperature
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Podobny numer części - SD101BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
SD101BW DIOTEC-SD101BW Datasheet
137Kb / 2P
   SMD Small Signal Schottky Diodes
logo
Diodes Incorporated
SD101BW DIODES-SD101BW Datasheet
70Kb / 2P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
Weitron Technology
SD101BW WEITRON-SD101BW Datasheet
280Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SD101BW SECOS-SD101BW Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
logo
Galaxy Semi-Conductor H...
SD101BW BILIN-SD101BW Datasheet
194Kb / 3P
   Schottky Barrier Diode
More results

Podobny opis - SD101BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com