Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4031-B1-FMR Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części SI4031-B1-FMR
Szczegółowy opis  Si4030/31/32 ISM TRANSMITTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SI4031-B1-FMR Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI4031-B1-FMR Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4031-B1-FMR Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4031-B1-FMR Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4031-B1-FMR Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4031-B1-FMR Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4031-B1-FMR Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4031-B1-FMR Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4031-B1-FMR Datasheet HTML 12Page - List of Unclassifed Manufacturers SI4031-B1-FMR Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Si4030/31/32-B1
Rev 1.1
9
Table 3. Transmitter AC Electrical Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
TX Frequency
Range—Si4031/32
FTX
240
930
MHz
TX Frequency
Range—Si4030
FTX
900
960
MHz
FSK Data Rate2
DRFSK
0.123
256
kbps
OOK Data Rate2
DROOK
0.123
40
kbps
Modulation Deviation
Δf1
860–960 MHz
±0.625
±320
kHz
Δf2
240–860 MHz
±0.625
±160
kHz
Modulation Deviation
Resolution2
ΔfRES
—0.625
kHz
Output Power
Range —Si40323
PTX
+1
+20
dBm
Output Power
Range—Si4030/313
PTX
–8
+13
dBm
TX RF Output Steps2
PRF_OUT
controlled by txpow[2:0]
3
dB
TX RF Output Level2
Variation vs. Temperature
PRF_TEMP
–40 to +85
C—
2
dB
TX RF Output Level
Variation vs. Frequency2
PRF_FREQ
Measured across any one
frequency band
—1—
dB
Transmit Modulation
Filtering2
B*T
Gaussian Filtering Bandwith Time
Product
—0.5
Spurious Emissions2
POB-TX1
POUT =13dBm,
Frequencies <1 GHz
——
–54
dBm
POB-TX2
1–12.75 GHz, excluding harmonics
–54
dBm
Harmonics2
P2HARM
Using reference design TX matching
network and filter with max output
power. Harmonics reduce linearly with
output power.
——
–42
dBm
P3HARM
——
–42
dBm
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section on page 13.
2.
Guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions" section on
page 13.
3.
Output power is dependent on matching components and board layout.


Podobny numer części - SI4031-B1-FMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI4031 ETC2-SI4031 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4031 ETC2-SI4031 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si4031 SILABS-Si4031 Datasheet
1Mb / 58P
   Remote control
More results

Podobny opis - SI4031-B1-FMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4430-B1 SILABS-SI4430-B1 Datasheet
804Kb / 74P
   Si4430/31/32 ISM TRANSCEIVER
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM67W-315S2 ETC2-RFM67W-315S2 Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
   ISM 433 MHz ASK Transmitter
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com