Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM31RL Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części SM31RL
Szczegółowy opis  MINI-BEAM dc-Voltage Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SM31RL Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

  SM31RL Datasheet HTML 1Page - List of Unclassifed Manufacturers SM31RL Datasheet HTML 2Page - List of Unclassifed Manufacturers SM31RL Datasheet HTML 3Page - List of Unclassifed Manufacturers SM31RL Datasheet HTML 4Page - List of Unclassifed Manufacturers SM31RL Datasheet HTML 5Page - List of Unclassifed Manufacturers SM31RL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Specifications
Supply Voltage and Current
10 to 30V dc (10% maximum ripple) at less than 25 mA (exclusive of
load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar: One current sourcing (PNP) and one current sinking (NPN) open
collector transistor
Output Rating
150 mA maximum each output at 25° C, derated to 100 mA at 70° C
(derate ≈ 1 mA per ° C)
OFF State Leakage Current: less than 1 microamp
Output Saturation Voltage (PNP Output): less than 1 volt at 10 mA, less
than 2 volts at 150 mA
Output Saturation Voltage (NPN Output): less than 200 millivolts at 10
mA, less than 1 volt at 150 mA
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or
short-circuit of outputs
Output Response Time
Sensors will respond to either a “light” or “dark” signal of 1 millisecond or
longer duration, 500 Hz maximum. Modification for 0.3 millisecond re-
sponse is available (MHS-suffix models; these models also feature re-
duced sensitivity range and reduced repeatability.) NOTE: Outputs are
non-conducting during 100 millisecond delay on power-up.
Repeatability
Opposed: 0.14 milliseconds
Non-Polarized and Polarized Retro, Diffuse, Convergent, Glass Fiber
Optic, and Plastic Fiber Optic: 0.3 milliseconds
Response time and repeatability specifications are independent of signal strength.
Adjustments
Light/Dark Operate Select switch
15-turn slotted brass screw Gain (sensitivity) adjustment potentiometer
(clutched at both ends of travel)
Located on the rear panel, protected by a gasketed, clear acrylic cover.
Indicators
Patented alignment Indicator Device system (AID™, US patent
#4356393) lights a rear-panel-mounted LED indicator when the sensor
sees light. Its pulse rate is proportional to the light signal strength (the
stronger the signal, the faster the pulse rate).
Construction
Reinforced thermoplastic polyester housing, totally encapsulated, o-ring
sealing, acrylic lenses, stainless steel screws
Environmental Rating
Meets NEMA standards 1, 2, 3, 3S, 4, 4X, 6, 12, and 13; IEC IP67.
Connections
PVC-jacketed 4-conductor 2 m (6.5') or 9 m (30') cables, or 4-pin Euro-
style QD fitting; QD cables available separately
Operating Conditions
Temperature: –20° to +70°C (–4° to +158°F)
Maximum relative humidity: 90% at 50°C (non-condensing)
Application Note
The NPN (current sinking) output of dc MINI-BEAM sensors is directly
compatible as an input to Banner logic modules, including all non-ampli-
fied MAXI-AMP and MICRO-AMP modules. MINI-BEAMs are TTL com-
patible.
Certifications
WARNING: Not To Be Used for Personnel Protection
Never use this product as a sensing device for personnel protection. Doing so could lead to serious injury or death. This
product does NOT include the self-checking redundant circuitry necessary to allow its use in personnel safety applications. A sensor
failure or malfunction can cause either an energized or de-energized sensor output condition.
Banner Engineering Corp Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp.
will repair or replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty
period. This warranty does not cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION,
ANY WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE,
COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE
LIABLE TO BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSE-
QUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARIS-
ING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product
previously manufactured by Banner Engineering Corp.
MINI-BEAM dc-Voltage Series


Podobny numer części - SM31RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM31RL ETC2-SM31RL Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
SM31RL ETC2-SM31RL Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM31RL ETC2-SM31RL Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM31RL ETC2-SM31RL Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
logo
Banner Engineering Corp...
SM31RL BANNER-SM31RL Datasheet
1Mb / 4P
   Laser Diode Emitter
More results

Podobny opis - SM31RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM312CV ETC2-SM312CV Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312WQD ETC2-SM312WQD Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312CV-V01 ETC-SM312CV-V01 Datasheet
1Mb / 14P
   MINI-BEAM® DC Voltage Series Sensor
logo
Banner Engineering Corp...
SME312 BANNER-SME312 Datasheet
1Mb / 13P
   MINI-BEAM SME312 Expert Series
logo
Ledil, Inc.
C13253 LEDIL-C13253_18 Datasheet
5Mb / 11P
   Mini reflector with ~60째 wide beam
CA13636 LEDIL-CA13636 Datasheet
3Mb / 7P
   Mini reflector with ~72째 wide beam.
logo
Premier Magnetics, Inc.
S3AS050520 PMI-S3AS050520 Datasheet
67Kb / 7P
   MINI DC/DC CONVERTERS
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
OSRAM GmbH
SFH-4451 OSRAM-SFH-4451 Datasheet
728Kb / 13P
   Narrow beam LED in Mini MIDLED package
logo
List of Unclassifed Man...
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com