Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMART1050SLT Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SMART1050SLT
Szczegółowy opis  SmartPro 1.05kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial 100/110/120V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1050SLT Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART1050SLT Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1050SLT Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1050SLT Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1050SLT Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1050SLT Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1050SLT Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1050SLT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SmartPro 1.05kVA Line Interactive Sine Wave UPS,
SNMPWEBCARD option, Tower, USB, Serial,
100/110/120V
MODEL NUMBER: SMART1050SLT
Description
1050VA line-interactive tower UPS system for server, networking and telecommunications equipment. Upright tower form factor. Offers sine wave 100V, 110V
or 120V nominal output in both AC and battery modes. Switches to battery-derived AC output during power failures and extreme voltage variations.
Line-interactive automatic voltage regulation (AVR) provides voltage boost during brownouts and voltage cut during overvoltages to maintain regulated 100V,
110V or 120V nominal output over an input voltage range of 95-145V. Features NEMA 5-15P input plug and 8 NEMA 5-15R output receptacles.
Network-grade AC surge and noise suppression. Network management interfaces support simultaneous communications via USB port, DB9 serial port and
SNMPWEBCARD slot. HID-compliant USB interface enables full integration with built-in power management and auto shutdown features of Windows and Mac
OS X. Supports simultaneous detailed monitoring of equipment load levels, self-test data and utility power conditions via all 3 network interfaces. Includes
PowerAlert monitoring software and complete cabling. Features 3-stage metered current monitoring and battery charge status LEDs. Dataline surge
suppression for dialup, DSL or network Ethernet connection. Utility power and voltage regulation LEDs. Audible alarm. Self-test. Field replaceable,
hot-swappable internal batteries and external battery packs. Attractive all-black color scheme.
Features
SmartPro line-interactive UPS system is ideal for voice, data, medical and industrial networking applications
Line-interactive automatic voltage regulation (AVR) maintains selectable 100V, 110V or 120V nominal output during brownouts as low as 83V and
overvoltages to 145V
Enables continuous operation through blackouts, voltage fluctuations and surges
Line-interactive AVR provides a 14% boost during brownouts and a 12% voltage cut during overvoltages
Standard internal battery set offers 19 min. runtime at half load (325W) and 7 min. at full load (650W)
Space-saving upright tower format
Network interfaces support simultaneous communications via built-in USB port, DB9 serial port and SNMPWEBCARD slot
HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X.
Included PowerAlert UPS monitoring software supports safe unattended shutdown, monitoring and control via local connected servers, plus any number
of additional servers over IP
UPS interface supports on-battery, low-battery, power-restored, AC-voltage, DC-voltage, output current monitoring, battery charge current, battery
Highlights
1.05kVA / 1050VA line interactive
tower UPS, Sine wave output
100/110/120V nominal output
during brownouts and
overvoltages
USB, RS232 and slot for optional
SNMP/Web card
Detailed status LEDs, Single line
TEL / DSL surge suppression
NEMA 5-15P input, 8 NEMA
5-15R outlets
Package Includes
SMART1050SLT UPS System
PowerAlert Software CD
USB and serial cabling
1 / 6


Podobny numer części - SMART1050SLT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
SMART1050SLT TRIPPLITE-SMART1050SLT_15 Datasheet
510Kb / 5P
   SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
More results

Podobny opis - SMART1050SLT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
logo
Tripp Lite. All Rights ...
SMART1050SLT TRIPPLITE-SMART1050SLT_15 Datasheet
510Kb / 5P
   SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART5000TEL3U ETC2-SMART5000TEL3U Datasheet
521Kb / 6P
   SmartPro 5kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, 3U Rack/Tower, USB
logo
Tripp Lite. All Rights ...
SMC1000T TRIPPLITE-SMC1000T Datasheet
523Kb / 4P
   SmartPro 100-110-120V 1kVA 650W Line Interactive Sine Wave UPS, Tower, USB, RS232
SMC1500T TRIPPLITE-SMC1500T Datasheet
524Kb / 4P
   SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, USB, RS232
logo
List of Unclassifed Man...
SMART500RT1U ETC2-SMART500RT1U Datasheet
485Kb / 6P
   SmartPro .5kVA Line-Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB, Serial, EPO, 120V
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com