Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMART1500RMXL2UA Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części SMART1500RMXL2UA
Szczegółowy opis  SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500RMXL2UA Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  SMART1500RMXL2UA Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Installation form factors supported
with included accessories
4 post 19 inch rackmount
Included mounting accessory
description
Adjustable mounting rail kit included
Installation form factors supported
with optional accessories
2 post rackmount (2POSTRMKITWM); Wallmount (2POSTRMKITWM); Tower (2-9USTAND)
Primary form factor
Rackmount
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
3.45 x 17.3 x 13.45
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
8.8 x 43.9 x 34.2
Rack Height
2U
Secondary form factor
Tower (requires 2-9USTAND)
UPS / Power Module weight (lbs)
46.5
UPS / Power Module weight (kg)
21.1
UPS Shipping dimensions (height x
width x depth / inches)
8.5 x 23.4 x 19.9
UPS Shipping dimensions (height x
width x depth / cm)
21.6 x 59.4 x 50.5
Shipping weight (lbs)
51.3
Shipping weight (kg)
23.3
Cooling method
Fan
UPS housing material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
237
AC mode efficiency rating (100%
load)
95%
COMMUNICATIONS
Communications interface
USB; DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network monitoring port description
Supports detailed monitoring of UPS and site power conditions
PowerAlert software
Included
Communications cable
USB and DB9 cabling included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
4 / 6


Podobny numer części - SMART1500RMXL2UA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SMART1500RMXL2UA TRIPPLITE-SMART1500RMXL2UA_15 Datasheet
509Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack-Tower, LCD, USB, DB9 Serial
More results

Podobny opis - SMART1500RMXL2UA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SMART1500CRMXL ETC2-SMART1500CRMXL Datasheet
500Kb / 7P
   SmartPro 1.5kVA 1440W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART5000RT3U ETC2-SMART5000RT3U Datasheet
523Kb / 7P
   SmartPro 5kVA Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART2600RM2U ETC2-SMART2600RM2U Datasheet
510Kb / 7P
   SmartPro 2.6kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
SMART2200RMXL2U ETC2-SMART2200RMXL2U Datasheet
514Kb / 7P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
SMART750RMXL2U ETC2-SMART750RMXL2U Datasheet
516Kb / 7P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART1500RM2U ETC2-SMART1500RM2U Datasheet
516Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
   SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMX1500XLRT2UN TRIPPLITE-SMX1500XLRT2UN Datasheet
181Kb / 6P
   SmartPro 230V 1500VA 1350W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com