Zakładka z wyszukiwarką danych komponentów |
|
SMART1500XL Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers |
|
SMART1500XL Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 7 page Expandable battery runtime Extended runtime supported via optional external battery packs External battery pack compatibility BP36V15-2U (limit 1); BP36V42-3U (multi-pack compatible); BP36V27-2US (multi-pack compatible) DC system voltage (VDC) 36 Battery recharge rate (included batteries) Less than 4 hours from 10% to 90% Replacement battery cartridge (internal UPS battery replacement) RBC53 Battery Access Battery access door Battery replacement description Hot-swappable, user replaceable batteries VOLTAGE REGULATION Voltage regulation description Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 75 to 147 Overvoltage correction Input voltages between 128 and 147 are reduced by 12% Undervoltage correction Input voltages between 93 and 107 are boosted by 14% Severe undervoltage correction Input voltages between 75 and 92 are boosted by 30% LEDS ALARMS & SWITCHES LED Indicators 5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status Alarms Audible alarm indicates power-failure, overload and low-battery conditions Alarm cancel operation Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status Switches 2 Switches control off/on power status and alarm-cancel/self-test operation SURGE / NOISE SUPPRESSION UPS AC suppression joule rating 480 UPS AC suppression response time Instantaneous EMI / RFI AC noise suppression Yes PHYSICAL Installation form factors supported with included accessories Tower Installation form factors supported with optional accessories Wallmount (UPSWM - tower mounting kit) Primary form factor Tower UPS / Power Module dimensions in primary form factor (height x width x depth / inches) 12.8 x 7.5 x 9.5 UPS / Power Module dimensions in primary form factor (height x width x depth / cm) 32.4 x 19 x 24.1 UPS / Power Module weight (lbs) 41.6 3 / 6 |
Podobny numer części - SMART1500XL |
|
Podobny opis - SMART1500XL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |