Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3050ARZ-5 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADP3050ARZ-5
Szczegółowy opis  200 kHz, 1 A High Voltage Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3050ARZ-5 Arkusz danych(HTML) 1 Page - Analog Devices

  ADP3050ARZ-5 Datasheet HTML 1Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 2Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 3Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 4Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 5Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 6Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 7Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 8Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
200 kHz, 1 A High Voltage
Step-Down Switching Regulator
Data Sheet
ADP3050
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Wide input voltage range: 3.6 V to 30 V
Adjustable and fixed (3.3 V, 5 V) output options
Integrated 1 A power switch
Uses small surface-mount components
Cycle-by-cycle current limiting
Peak input voltage (100 ms): 60 V
Configurable as a buck, buck-boost, and SEPIC
regulator
Available in 8-lead SOIC package
Supported by ADIsimPower™ design tool
APPLICATIONS
Industrial power systems
PC peripheral power systems
Preregulator for linear regulators
Distributed power systems
Automotive systems
Battery chargers
FUNCTIONAL BLOCK DIAGRAM
200kHz
OSCILLATOR
FREQUENCY
AND CURRENT LIMIT
FOLDBACK
2.50V
REGULATOR
CURRENT SENSE
AMPLIFIER
BOOST
FB
SD
GND
BIAS
CURRENT
LIMIT
gm
1.2V
CMP
R
S
Q
DRIVER
SWITCH
IN
COMP
+
ADP3050
3
6
7
4
5
1
2
8
Figure 1.
GENERAL DESCRIPTION
The ADP3050 is a current mode monolithic buck (step down)
PWM switching regulator that contains a high current 1 A power
switch and all control, logic, and protection functions. It uses a
unique compensation scheme allowing the use of any type of
output capacitor (tantalum, ceramic, electrolytic, OS-CON).
Unlike some buck regulators, the design is not restricted to using
a specific type of output capacitor or ESR value.
A special boosted drive stage is used to saturate the NPN power
switch, providing a system efficiency higher than conventional
bipolar buck switchers. Further efficiency improvements are
obtained by using the low voltage regulated output to provide
the internal operating current of the device. A high switching
frequency allows the use of small external surface-mount compo-
nents. A wide variety of standard off-the-shelf devices can be
used, providing a great deal of design flexibility. A complete
regulator design requires only a few external components.
The ADP3050 includes a shutdown input that places the device
in a low power mode, reducing the total supply current to under
20 µA. Internal protection features include thermal shutdown
circuitry and a cycle-by-cycle current limit for the power switch
to provide complete device protection under fault conditions.
The ADP3050 provides excellent line and load regulation,
maintaining typically less than ±3% output voltage accuracy
over temperature and under all input voltage and output
current conditions.
The ADP3050 is specified over the industrial temperature range
of −40°C to +85°C and is available in a thermally enhanced 8-lead
(not Pb-free only) SOIC package and a standard 8-lead (Pb-free
only) RoHS-compliant SOIC package.


Podobny numer części - ADP3050ARZ-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results

Podobny opis - ADP3050ARZ-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050 Datasheet
191Kb / 16P
   200 kHz, 1 A High-Voltage Step-Down Switching Regulator
REV. 0
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com