Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3050ARZ-5 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADP3050ARZ-5
Szczegółowy opis  200 kHz, 1 A High Voltage Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3050ARZ-5 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADP3050ARZ-5 Datasheet HTML 7Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 8Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 9Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 10Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 11Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 12Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 13Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 14Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADP3050
Rev. C | Page 11 of 20
APPLICATIONS INFORMATION
ADIsimPower DESIGN TOOL
The ADP3050 is supported by the ADIsimPower design tool set.
ADIsimPower is a collection of tools that produce complete power
designs optimized for a specific design goal. The tools enable
the user to generate a full schematic, bill of materials, and calculate
performance in minutes. ADIsimPower can optimize designs for
cost, area, efficiency, and parts count while taking into considera-
tion the operating conditions and limitations of the IC and all real
external components. For more information about ADIsimPower
design tools, refer to www.analog.com/ADIsimPower. The tool
set is available from this website, and users can request an
unpopulated board through the tool.
The complete process for designing a step-down switching
regulator using the ADP3050 is provided in the following
sections. Each section includes a list of recommended devices.
These lists do not include every available device or manufacturer.
They contain only surface-mount devices. Equivalent through-
hole devices can be substituted if needed. In choosing components,
keep in mind what is most important to the design, for example,
efficiency, cost, and size. These ultimately determine which compo-
nents are used. It is also important to ensure that the design
specifications are clearly defined and reflect the worst-case
conditions. Key specifications include the minimum and
maximum input voltage, the output voltage and ripple, and the
minimum and maximum load current.
INDUCTOR SELECTION
The inductor value determines the mode of operation for the
regulator: continuous mode, where the inductor current flows
continuously; or discontinuous mode, where the inductor current
reduces to zero during every switch cycle. Continuous mode is
the best choice for many applications. It provides higher output
power, lower peak currents in the switch, inductor, and diode,
and a lower inductor ripple current, which means lower output
ripple voltage. Discontinuous mode allows the use of smaller
magnetics, but at a price: lower available load current and
higher peak and ripple currents. Designs with a high input
voltage or a low load current often operate in discontinuous
mode to minimize inductor value and size. The ADP3050 is
designed to work well in both modes of operation.
Continuous Mode
The inductor current in a continuous mode system is a triangular
waveform (equal to the ripple current) centered around a dc
value (equal to the load current). The amount of ripple current
is determined by the inductor value, and is usually between 20%
and 40% of the maximum load current. To reduce the inductor
size, ripple currents between 40% and 80% are often used in
continuous mode designs with a high input voltage or a low
output current.
The inductor value is calculated using the following equation:
)
(
)
(
1
MAX
IN
OUT
SW
RIPPLE
OUT
MAX
IN
V
V
f
I
V
V
L
×
×
=
(2)
Where VIN(MAX) is the maximum input voltage, VOUT is the
regulated output voltage, and fSW is the switching frequency
(200 kHz). The initial choice for the amount of ripple current
may seem arbitrary, but it serves as a good starting point for
finding a standard off-the-shelf inductor value, such as
10 μH, 15 μH, 22 μH, 33 μH, and 47 μH. If a specific inductance
value is to be used, simply rearrange Equation 2 to find the
ripple current. For an 800 mA, 12 V to 5 V system, and a ripple
current of 320 mA (40% of 800 mA) is chosen, the inductance is
μH
45.5
12
5
10
200
1
0.32
5
12
3
=
×
×
×
=
L
A 47 μH inductor is the closest standard value that gives a ripple
current of about 310 mA. The peak switch current is equal to
the load current plus one-half the ripple current (this is also the
peak current for the inductor and the catch diode).
A
95
.
0
155
.
0
8
.
0
2
1
)
(
)
(
=
+
=
+
=
RIPPLE
MAX
OUT
PK
SW
I
I
I
(3)
Pick an inductor with a dc (or saturation) current rating about 20%
larger than ISW(PK) to ensure that the inductor is not running near
the edge of saturation. For this example, 1.20 × 0.95 A = 1.14 A, use
an inductor with a dc current rating of at least 1.2 A. The maxi-
mum switch current is internally limited to 1.5 A, and this limit,
along with the ripple current, determines the maximum load
current the system can provide.
If the load current decreases to below one-half the ripple
current, the regulator operates in discontinuous mode.
Discontinuous Mode
For load currents less than approximately 0.5 A, discontinuous
mode operation can be used. This allows the use of a smaller
inductor, but the ripple current is much higher (which means a
higher output ripple voltage). If a larger output capacitor must
be used to reduce the output ripple voltage, the overall system
may take up more board area than if a larger inductor is used.
The operation and equations for the two modes are quite different,
but the boundary between these two modes occurs when the ripple
current is equal to twice the load current (when IRIPPLE = 2 × IOUT).
From this, Equation 2 is used to find the minimum inductor
value needed to keep the system in continuous mode operation
(solve for the inductor value with IRIPPLE = 2 × IOUT).
)
(
)
(
1
2
MAX
IN
OUT
SW
OUT
OUT
MAX
IN
DIS
V
V
f
I
V
V
L
×
×
×
=
(4)
Using an inductor below this value causes the system to operate
in discontinuous mode.


Podobny numer części - ADP3050ARZ-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results

Podobny opis - ADP3050ARZ-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050 Datasheet
191Kb / 16P
   200 kHz, 1 A High-Voltage Step-Down Switching Regulator
REV. 0
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com