Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB32NM50N Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STB32NM50N
Szczegółowy opis  N-channel 500 V, 0.1typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB32NM50N Arkusz danych(HTML) 1 Page - STMicroelectronics

  STB32NM50N Datasheet HTML 1Page - STMicroelectronics STB32NM50N Datasheet HTML 2Page - STMicroelectronics STB32NM50N Datasheet HTML 3Page - STMicroelectronics STB32NM50N Datasheet HTML 4Page - STMicroelectronics STB32NM50N Datasheet HTML 5Page - STMicroelectronics STB32NM50N Datasheet HTML 6Page - STMicroelectronics STB32NM50N Datasheet HTML 7Page - STMicroelectronics STB32NM50N Datasheet HTML 8Page - STMicroelectronics STB32NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
August 2012
Doc ID 023436 Rev 1
1/21
21
STB32NM50N, STF32NM50N,
STP32NM50N, STW32NM50N
N-channel 500 V, 0.1
Ω typ., 22 A MDmesh™ II Power MOSFET
in D²PAK, TO-220FP, TO-220, TO-247 packages
Datasheet — production data
Features
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Applications
Switching applications
Description
These devices are N-channel Power MOSFETs
developed using the second generation of
MDmesh™ technology. This revolutionary Power
MOSFET associates a vertical structure to the
company’s strip layout to yield one of the world’s
lowest on-resistance and gate charge. It is
therefore suitable for the most demanding high
efficiency converters.
Figure 1.
Internal schematic diagram
Order codes
VDS
RDS(on)
max.
ID
PTOT
STB32NM50N
STF32NM50N
STP32NM50N
STW32NM50N
500 V
0.13
Ω
22 A
190 W
35 W
190 W
190 W
1
2
3
TO-247
TO-220
1
2
3
TO-220FP
1
3
TAB
2
D²PAK
1
2
3
TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB32NM50N
STF32NM50N
STP32NM50N
STW32NM50N
32NM50N
D2PAK
TO-220FP
TO-220
TO-247
Tape and reel
Tube
Tube
Tube
www.st.com


Podobny numer części - STB32NM50N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
STB32NM50N ISC-STB32NM50N Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - STB32NM50N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP32NM50N STMICROELECTRONICS-STP32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STB23NM50N STMICROELECTRONICS-STB23NM50N Datasheet
867Kb / 21P
   N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STB14NM50N STMICROELECTRONICS-STB14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
   N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STB28NM60ND STMICROELECTRONICS-STB28NM60ND Datasheet
1Mb / 22P
   N-channel 600 V, 0.13 廓 typ., 23 A FDmesh??II Power MOSFETs in D짼PAK, TO-220FP, TO-220 and TO-247 packages
May 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com