Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1436K Arkusz danych(PDF) 3 Page - Hitachi Semiconductor

Numer części 2SD1436K
Szczegółowy opis  Silicon NPN Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1436K Arkusz danych(HTML) 3 Page - Hitachi Semiconductor

  2SD1436K Datasheet HTML 1Page - Hitachi Semiconductor 2SD1436K Datasheet HTML 2Page - Hitachi Semiconductor 2SD1436K Datasheet HTML 3Page - Hitachi Semiconductor 2SD1436K Datasheet HTML 4Page - Hitachi Semiconductor 2SD1436K Datasheet HTML 5Page - Hitachi Semiconductor 2SD1436K Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1436(K)
3
0
50
100
150
Case temperature TC (°C)
Maximum Collector Dissipation Curve
120
80
40
0.03
0.1
0.3
1.0
3
30
10
Collector to emitter voltage VCE (V)
3
10
30
100
300
Area of Safe Operation
iC (peak)
IC (max)
Ta = 25
°C
1 shot pulse
1
µs
Collector to emitter voltage VCE (V)
0
Typical Output Characteristics
12345
2
4
6
8
10
IB = 0 mA
0.5
0.6
0.7
0.8
1.0
1.5
2.0
TC = 25°C
30
100
300
1,000
3,000
10,000
30,000
Collector current IC (A)
0.3
1.0
3
10
30
DC Current Transfer Ratio vs.
Collector Current
VCE = 3 V
Pulse
T C
= 75
°C
25
–25


Podobny numer części - 2SD1436K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SD1436 RENESAS-2SD1436 Datasheet
148Kb / 7P
   Silicon NPN Triple Diffused
logo
Inchange Semiconductor ...
2SD1436 ISC-2SD1436 Datasheet
244Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Podobny opis - 2SD1436K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com