Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD2019 Arkusz danych(PDF) 4 Page - Hitachi Semiconductor

Numer części 2SD2019
Szczegółowy opis  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2019 Arkusz danych(HTML) 4 Page - Hitachi Semiconductor

  2SD2019 Datasheet HTML 1Page - Hitachi Semiconductor 2SD2019 Datasheet HTML 2Page - Hitachi Semiconductor 2SD2019 Datasheet HTML 3Page - Hitachi Semiconductor 2SD2019 Datasheet HTML 4Page - Hitachi Semiconductor 2SD2019 Datasheet HTML 5Page - Hitachi Semiconductor 2SD2019 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SD2019
4
100
300
1,000
3,000
10,000
30,000
100,000
Collector current IC (A)
0.01 0.03
0.1
0.3
1.0
3
10
DC Current Transfer Ratio
vs. Collector Current
VCE = 2 V
0.1
0.3
1.0
3
10
Collector current IC (A)
0.01 0.03
0.1
0.3
1.0
3
10
Saturation Voltage vs. Collector Current
VBE (sat)
VCE (sat)
lC = 100 lB
Ta = 25
°C
Emitter to collector diode forward voltage
VECF (V)
0
Typical Characteristics of
Emitter to Collector Diode
0.4
0.8
1.2
1.6
1.8
0.4
0.8
1.2
1.6
2.0
Ta = 25
°C


Podobny numer części - 2SD2019

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Savantic, Inc.
2SD201 SAVANTIC-2SD201 Datasheet
109Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD201 ISC-2SD201 Datasheet
263Kb / 2P
   isc Silicon NPN Power Transistor
logo
Rohm
2SD2010 ROHM-2SD2010 Datasheet
88Kb / 2P
   1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
2SD2010 ROHM-2SD2010 Datasheet
195Kb / 2P
   TRANSISTORS TO 92L TO-92LS MRT
2SD2011 ROHM-2SD2011 Datasheet
88Kb / 2P
   1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
More results

Podobny opis - 2SD2019

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com