Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL28EB742ALC Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części SL28EB742ALC
Szczegółowy opis  EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB742ALC Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button SL28EB742ALC Datasheet HTML 3Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 4Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 5Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 6Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 7Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 8Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 9Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 10Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
SL28EB742
Rev. 1.0
7
Rise/Fall M-atching
TRFM
Measured single-endedly from
±75 mV
—20
%
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
V
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
DOT96 at 0.7 V
DOT96 Duty Cycle
TDC
Measured at 0 V differential
45
55
%
DOT96 Period
TPERIOD
Measured at 0 V differential at 0.1s
10.4156
10.4177
ns
DOT96 Absolute Period
TPERIODAbs
Measured at 0 V differential at 0.1s
10.1656
10.6677
ns
DOT96 Cycle to Cycle Jitter
TCCJ
Measured at 0 V differential at
1 clock
—250
ps
DOT96 Long Term Accuracy
LACC
Measured at 0V differential at
1 clock
100
ppm
DOT96 Rising/Falling Slew Rate
TR / TF
Measured differentially from
±150 mV
2.5
8
V/ns
Rise/Fall Matching
TRFM
Measured single-endedly from
±75 mV
—20
%
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
V
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
SATA at 0.7 V
SATAM Duty Cycle
TDC
Measured at 0V differential
45
55
%
SATA Cycle to Cycle Jitter
TCCJ
Measured at 0V differential at
1 clock
—125
ps
SATA Long Term Accuracy
LACC
Measured at 0V differential at
1 clock
100
ppm
SATA Rising/Falling Slew Rate
TR / TF
Measured differentially from
±150 mV
2.5
8
V/ns
Rise/Fall Matching
TRFM
Measured single-endedly from
±75 mV
—20
%
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
V
Table 3. AC Electrical Specifications (Continued)
Parameter
Symbol
Test Condition
Min
Max
Unit


Podobny numer części - SL28EB742ALC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL28EB742A SILABS-SL28EB742A Datasheet
1Mb / 20P
   Timing Selector Guide
More results

Podobny opis - SL28EB742ALC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL28779 SILABS-SL28779 Datasheet
292Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28773 SILABS-SL28773 Datasheet
435Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28748 SILABS-SL28748 Datasheet
316Kb / 19P
   EProClock짰 Generator for Intel Calpella Chipset
CY28547 SILABS-CY28547 Datasheet
1Mb / 25P
   Clock Generator for Intel짰CK410M/CK505
SL28770 SILABS-SL28770 Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28774 SILABS-SL28774 Datasheet
274Kb / 19P
   EProClock짰 Generator for Intel Calpella Chipset
SL28PCIE30 SILABS-SL28PCIE30 Datasheet
338Kb / 16P
   EProClock짰 Programmable PCIe Gen 2 Clock Generator
logo
SpectraLinear Inc
CY28447 SPECTRALINEAR-CY28447 Datasheet
203Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 SPECTRALINEAR-CY28446 Datasheet
179Kb / 19P
   Clock Generator for Intel짰 Calistoga Chipset
logo
List of Unclassifed Man...
CY28447 ETC2-CY28447 Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com