Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL28EB742ALC Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SL28EB742ALC
Szczegółowy opis  EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB742ALC Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SL28EB742ALC Datasheet HTML 1Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 2Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 3Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 4Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 5Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 6Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 7Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 8Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Rev. 1.0 12/13
Copyright © 2013 by Silicon Laboratories
SL28EB742
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
SL28EB742
EP ROC LOCK® G ENERATOR FOR I NTEL® CK505 C OMPLIANCE
Features
EProClock® Programmable Technology
Compliant Intel CK505 Clock spec
Low power push-pull type differential
output buffers
Integrated resistors on differential
clocks
Wireless friendly 3-bits slew rate
control on single-ended clocks
Differential CPU clocks with pin
selectable frequency
100 MHz Differential SRC clocks
Selectable Differential SATA or SRC
clocks
96 MHz Differential DOT clock
48 MHz USB clock
Selectable 12 or 48 MHz clock
25 MHz ouput
Buffered Reference Clock
14.318 MHz
14.318 MHz Crystal Input or Clock
input
I2C support with readback
capabilities
Triangular Spread Spectrum profile
for maximum electromagnetic
interference (EMI) reduction
Industrial Temperature:
–40 to 85 °C
3.3 V power supply
56-pin QFN package
Selectable Differential SRC or CPU Clock
CPU
SRC
SATA
DOT96
48M
48M/
12M
33M
25M
14.318M
x2/x3
x4/x7
x0/x1
x1
x1/2
x1
x2
x1
x1
> 4000 bits of configurations
Can be configured through SMBus
or hard coded
Custom frequency sets
Differential skew control on true or
compliment or both
Differential duty cycle control on true
or compliment or both
Differential amplitude control
Differential and single-ended
slew rate control
Program Internal or External
series resistor on single-ended
clocks
Program different spread
profiles
Program different spread
modulation rate
Selectable Differential SRC or CPU Clock
CPU
SRC
SATA
DOT96
48M
48M/
12M
33M
25M
14.318M
x2/x3
x4/x7
x0/x1
x1
x1/2
x1
x2
x1
x1
Patents pending
Ordering Information:
See page 39
Pin Assignments
* Internal 100K-ohm pull-up resistor
** Internal 100K-ohm pull down resistor


Podobny numer części - SL28EB742ALC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL28EB742A SILABS-SL28EB742A Datasheet
1Mb / 20P
   Timing Selector Guide
More results

Podobny opis - SL28EB742ALC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL28779 SILABS-SL28779 Datasheet
292Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28773 SILABS-SL28773 Datasheet
435Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28748 SILABS-SL28748 Datasheet
316Kb / 19P
   EProClock짰 Generator for Intel Calpella Chipset
CY28547 SILABS-CY28547 Datasheet
1Mb / 25P
   Clock Generator for Intel짰CK410M/CK505
SL28770 SILABS-SL28770 Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28774 SILABS-SL28774 Datasheet
274Kb / 19P
   EProClock짰 Generator for Intel Calpella Chipset
SL28PCIE30 SILABS-SL28PCIE30 Datasheet
338Kb / 16P
   EProClock짰 Programmable PCIe Gen 2 Clock Generator
logo
SpectraLinear Inc
CY28447 SPECTRALINEAR-CY28447 Datasheet
203Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 SPECTRALINEAR-CY28446 Datasheet
179Kb / 19P
   Clock Generator for Intel짰 Calistoga Chipset
logo
List of Unclassifed Man...
CY28447 ETC2-CY28447 Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com