Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML22Q394 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części ML22Q394
Szczegółowy opis  ADPCM Speech Synthesis LSI
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q394 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  ML22Q394 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
FEDL22Q394-02
ML22Q394
5/42
PIN DESCRIPTION
Pin
Symbol
I/O
Initial value
(At the
RESET_N
Input)
Initial value
(At standby)
Description
1
SPP
O
Hi-Z
Hi-Z
Positive(+) output pin of the speaker amplifier built-in
2
SPM
O
Hi-Z
Hi-Z
Negative(-) output pin of the speaker amplifier built-in.
3
SPGND
Ground pin for the speaker amplifier.
4
SPVDD
Power supply pin for the speaker amplifier.
Connect a bypass capacitor of 1
µF or more between this pin
and SPGND pin.
5
BUSYB
O
Hi-Z
1
BUSY output pin.
When BUSYB use mode is set, the "L" level is outputted
during playback.
At the time of a disconnection detection function,
when disconnection is detected, the "L" level is outputted.
In addition, when BUSYB use mode is not set, the initial
value is outputted.
6
DGND
Digital ground pin.
7
VDDL
Regulator output pin for internal logic circuitry.
Connect a capacitor of 10
µF or more between this pin and
DGND pin
8
DVDD
Power supply pins for logic circuitry.
Connect a capacitor of 1
µF or more between this pin and
DGND pin.
9
CSB
I
1
1
Chip select pin, when CSB use mode is set.
At the “L” level, data input is available.
When CSB use mode is not set, this pin should be fixed to
“H” level od “L” level.
10
SDA
I
1
1
Input pin for I2C serial data.
Use for setting the mode of write and writing address, writing
data.
This pin should be connected to pull-up resistor.
11
SCL
I
1
1
Clock input pin for I2C serial interface.
This pin should be connected to pull-up resistor.
14
VPP
Power supply pin for rewriting Flash memory.
Fix this pin to GND except when rewriting Flash memory.
15
TEST
I
0
0
Test pin. Fix this pin to a DGND level.
16
RESET_N
I
0
1
At the “L” level, the LSI enters initial state.
After the power supply voltage is stable, drive this pin to “H”
level.


Podobny numer części - ML22Q394

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
More results

Podobny opis - ML22Q394

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
FEDL22340-02 ETC2-FEDL22340-02 Datasheet
1Mb / 37P
   ADPCM Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com