Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST10E4 Arkusz danych(PDF) 3 Page - Stanson Technology

Numer części ST10E4
Szczegółowy opis  N Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANSON [Stanson Technology]
Strona internetowa  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST10E4 Arkusz danych(HTML) 3 Page - Stanson Technology

  ST10E4 Datasheet HTML 1Page - Stanson Technology ST10E4 Datasheet HTML 2Page - Stanson Technology ST10E4 Datasheet HTML 3Page - Stanson Technology ST10E4 Datasheet HTML 4Page - Stanson Technology ST10E4 Datasheet HTML 5Page - Stanson Technology ST10E4 Datasheet HTML 6Page - Stanson Technology ST10E4 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST10E4
N Channel Enhancement Mode MOSFET
3.0A
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stnasontech.com
ST10E4 2013 . V1
3
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ Max
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=250uA
100
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
1
3
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±30
uA
Zero Gate Voltage Drain
Current
IDSS
VDS=80V,VGS=0V
1
uA
VDS=80V,VGS=0V
TJ=55℃
10
Drain-source On-Resistance
RDS(on)
VGS=10V,ID=3.0A
VGS=4.5V,ID=2.0A
153
168
160
180
Diode Forward Voltage
VSD
IS=1.7A,VGS=0V
1.0
V
Dynamic
Total Gate Charge
Qg
VDS=50V
VGS=10V
ID≡2.0A
10
15
nC
Gate-Source Charge
Qgs
1.9
Gate-Drain Charge
Qgd
2.8
Input Capacitance
Ciss
VDS=30V
VGS=0V
F=1MHz
455
pF
Output Capacitance
Coss
43
Reverse Transfer Capacitance
Crss
28
Turn-On Time
td(on)
tr
VDD=30V
RL=30Ω
ID=1.0A
VGEN=10V
RG=6Ω
11
21
nS
10
19
Turn-Off Time
td(off)
tf
24
44
21
39


Podobny numer części - ST10E4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST10 STMICROELECTRONICS-ST10 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
ST10 STMICROELECTRONICS-ST10 Datasheet
368Kb / 58P
   16-BIT MCU WITH 128KBYTE FLASH MEMORY
logo
Astrodyne Corporation
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
   Isolated and Regulated 10 Watt Modular DC/DC Converters
logo
Arch Electronics Corp.
ST10 ARCH-ST10 Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
logo
AVX Corporation
ST10 AVX-ST10 Datasheet
146Kb / 2P
   Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
More results

Podobny opis - ST10E4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com