Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ587 Arkusz danych(PDF) 4 Page - Hitachi Semiconductor

Numer części 2SJ587
Szczegółowy opis  Silicon P Channel MOS FET High Speed Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ587 Arkusz danych(HTML) 4 Page - Hitachi Semiconductor

  2SJ587 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SJ587
4
2.0
1.6
1.2
0.8
0.4
0
-2
-4
-6
-8
-10
-0.01
-0.05
-0.02
50
10
1.0
25
20
15
10
5
–40
0
40
80
120
160
0
-0.1
-25mA
-10m A
Pulse Test
V
= -4 V
GS
-2.5 V
Pulse Test
V
= -4V
GS
-10m A, -25m A
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Sourceon State
Resistance vs. Drain Current
Case Temperature
Tc
( °C)
Static Drain to Source on State
Resistance vs. Temperature
Forward TransferAdmittance
vs. Drain Current
I
= -25m A
D
-2.5V
I
= -50mA
D
0.05
2
5
20
0
-10m A
Pulse Test
-0.01
-0.1
0.5
0.1
0.01
Drain Current I
(A)
D
-0.02
-0.05
0.005
0.02
0.05
0.2
VDS=-10V
Pulse Test
Tc = -25 °C
25 °C
75 °C


Podobny numer części - 2SJ587

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SJ580 SANYO-2SJ580 Datasheet
29Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ583 SANYO-2SJ583 Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ583LS SANYO-2SJ583LS Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ584LS SANYO-2SJ584LS Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ585LS SANYO-2SJ585LS Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
More results

Podobny opis - 2SJ587

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ576 HITACHI-2SJ576 Datasheet
27Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574 Datasheet
58Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SJ574 HITACHI-2SJ574 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ588 HITACHI-2SJ588 Datasheet
26Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
2SJ575 HITACHI-2SJ575 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ575 RENESAS-2SJ575 Datasheet
167Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_15 Datasheet
244Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ586 RENESAS-2SJ586 Datasheet
158Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_11 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
2SJ576 RENESAS-2SJ576 Datasheet
46Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com