Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1151 Arkusz danych(PDF) 4 Page - Hitachi Semiconductor

Numer części 2SK1151
Szczegółowy opis  Silicon N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1151 Arkusz danych(HTML) 4 Page - Hitachi Semiconductor

  2SK1151 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1151 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1151 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1151 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1151 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1151 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1151 Datasheet HTML 7Page - Hitachi Semiconductor 2SK1151 Datasheet HTML 8Page - Hitachi Semiconductor 2SK1151 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SK1151(L)(S), 2SK1152(L)(S)
4
Power vs. Temperature Derating
30
20
10
0
50
100
150
Case Temperature TC (°C)
Maximum Safe Operation Area
10
1
10
1,000
Drain to Source Voltage VDS (V)
3
0.1
0.03
1 ms
100
Ta = 25°C
DC
Operation
(T
C =
25°C)
2SK1151
2SK1152
0.01
100
µ
s
0.3
1.0
Typical Output Characteristics
2.0
1.6
1.2
0.8
0
4
8
12
16
20
Pulse Test
0.4
VGS = 3.5 V
6 V
Drain to Source Voltage VDS (V)
4 V
4.5 V
10 V
5 V
15 V
Typical Transfer Characteristics
1.6
1.2
0.8
0.4
0
2
468
10
Gate to Source Voltage VGS (V)
2.0
VDS = 20 V
Pulse Test
–25°C
TC = 25°C
75°C


Podobny numer części - 2SK1151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SK1151 RENESAS-2SK1151 Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
2SK1151(L) RENESAS-2SK1151(L)_15 Datasheet
126Kb / 7P
   Silicon N Channel MOS FET
2SK1151L RENESAS-2SK1151L Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK1151L VBSEMI-2SK1151L Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
2SK1151L ISC-2SK1151L Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK1151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com