Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN1532MTCX Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FIN1532MTCX
Szczegółowy opis  5V LVDS 4-Bit High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1532MTCX Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FIN1532MTCX Datasheet HTML 1Page - Fairchild Semiconductor FIN1532MTCX Datasheet HTML 2Page - Fairchild Semiconductor FIN1532MTCX Datasheet HTML 3Page - Fairchild Semiconductor FIN1532MTCX Datasheet HTML 4Page - Fairchild Semiconductor FIN1532MTCX Datasheet HTML 5Page - Fairchild Semiconductor FIN1532MTCX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Package Number M16A


Podobny numer części - FIN1532MTCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN1532MTC FAIRCHILD-FIN1532MTC Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532MTC FAIRCHILD-FIN1532MTC Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
More results

Podobny opis - FIN1532MTCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN1532MX FAIRCHILD-FIN1532MX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1531 FAIRCHILD-FIN1531 Datasheet
206Kb / 6P
   5V LVDS 4-Bit High Speed Differential Driver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1002 ONSEMI-FIN1002 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com