Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-458CA721ESA-A10 Arkusz danych(PDF) 6 Page - NEC

Numer części MC-458CA721ESA-A10
Szczegółowy opis  8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

MC-458CA721ESA-A10 Arkusz danych(HTML) 6 Page - NEC

  MC-458CA721ESA-A10 Datasheet HTML 1Page - NEC MC-458CA721ESA-A10 Datasheet HTML 2Page - NEC MC-458CA721ESA-A10 Datasheet HTML 3Page - NEC MC-458CA721ESA-A10 Datasheet HTML 4Page - NEC MC-458CA721ESA-A10 Datasheet HTML 5Page - NEC MC-458CA721ESA-A10 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Data Sheet M14494EJ2V0DS00
6
MC-458CA721ESA, 458CA721PSA
DC Characteristics (Recommended Operating Conditions unless otherwise noted)
Parameter
Symbol
Test condition
MIN.
MAX.
Unit
Notes
Operating current
ICC1
Burst length = 1, tRC
≥ tRC(MIN.)
/CAS latency = 2
-A80
550
mA
1
-A10
/CAS latency = 3
-A80
550
-A10
Precharge standby current in
ICC2P
CKE
≤ VIL(MAX.), tCK = 15 ns
5
mA
power down mode
ICC2PS
CKE
≤ VIL(MAX.), tCK = ∞
5
Precharge standby current in
non power down mode
ICC2NCKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
Input signals are changed one time during 30 ns.
100
mA
ICC2NS
CKE
≥ VIH(MIN.), tCK = ∞, Input signals are stable.
40
Active standby current in
ICC3P
CKE
≤ VIL(MAX.), tCK = 15 ns
25
mA
power down mode
ICC3PS
CKE
≤ VIL(MAX.), tCK = ∞
20
Active standby current in
non power down mode
ICC3NCKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
Input signals are changed one time during 30 ns.
150
mA
ICC3NS
CKE
≥ VIH(MIN.), tCK = ∞, Input signals are stable.
100
Operating current
ICC4
tCK
≥ tCK(MIN.), IO = 0 mA
/CAS latency = 2
-A80
725
mA
2
(Burst mode)
-A10
550
/CAS latency = 3
-A80
875
-A10
700
CBR (Auto) refresh current
ICC5
tRC
≥ tRC(MIN.)
/CAS latency = 2
-A80
1,150
mA
3
-A10
/CAS latency = 3
-A80
1,150
-A10
Self refresh current
ICC6
CKE
≤ 0.2 V10
mA
Input leakage current
II(L)
VI = 0 to 3.6 V, All other pins not under test = 0 V
– 5+5
µA
Output leakage current
IO(L)
DOUT is disabled, VO = 0 to 3.6 V
–1.5
+1.5
µA
High level output voltage
VOH
IO = – 4.0 mA
2.4
V
Low level output voltage
VOL
IO = + 4.0 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK(MIN.).
2. ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK(MIN.).
3. ICC5 is measured on condition that addresses are changed only one time during tCK(MIN.).
5
5


Podobny numer części - MC-458CA721ESA-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-458CA721ESA-A10 ELPIDA-MC-458CA721ESA-A10 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
More results

Podobny opis - MC-458CA721ESA-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-458CA721ESA ELPIDA-MC-458CA721ESA Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB642XS ELPIDA-MC-458CB642XS Datasheet
135Kb / 14P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-45V8AB642KS ELPIDA-MC-45V8AB642KS Datasheet
150Kb / 16P
   8M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CA727 ELPIDA-MC-458CA727 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA726 ELPIDA-MC-458CA726 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com