Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2212 Arkusz danych(PDF) 4 Page - Hitachi Semiconductor

Numer części 2SK2212
Szczegółowy opis  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2212 Arkusz danych(HTML) 4 Page - Hitachi Semiconductor

  2SK2212 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2212 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2212 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2212 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2212 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2212 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2212 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2212 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2212 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SK2212
4
40
30
20
10
0
50
100
150
200
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
0.5
50
20
10
2
5
1
0.2
0.5
0.1
0.05
1
2
5
10 20
50 100 200 500
PW
=
10
ms
(1shot)
Operation in
this area is
limited by R DS(on)
100
µs
Ta = 25 °C
20
16
12
8
4
0
Drain to Source Voltage
V
(V)
DS
4 V
Typical Output Characteristics
5 V
10 V
4
8
12
16
20
4.5 V
V
= 3.5 V
GS
5.5 V
6 V
10
8
6
4
2
0
Gate to Source Voltage
V
(V)
GS
V
= 10 V
Pulse Test
DS
Typical Transfer Characteristics
Tc = 75°C
25°C
–25°C
24
6
8
10


Podobny numer części - 2SK2212

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SK2212 RENESAS-2SK2212 Datasheet
924Kb / 7P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK2212 ISC-2SK2212 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2212-E RENESAS-2SK2212-E Datasheet
924Kb / 7P
   Silicon N Channel MOS FET
More results

Podobny opis - 2SK2212

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com