Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2570 Arkusz danych(PDF) 4 Page - Hitachi Semiconductor

Numer części 2SK2570
Szczegółowy opis  Silicon N-Channel MOS FET Low Frequency Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2570 Arkusz danych(HTML) 4 Page - Hitachi Semiconductor

  2SK2570 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2570 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK2570
4
0.5
0.4
0.3
0.2
0.1
0
24
6
810
5
2
1
0.2
0.5
0.1
2.5
2.0
1.5
1.0
0.5
–40
0
40
80
120
160
0
0.5
0.2
0.1
0.02
0.05
0.01
0.005
I
= 0.2 A
D
V
= 2.5 V
GS
4 V
0.05, 0.1, 0.2 A
I
= 0.2 A
D
0.1 A
0.05 A
0.01
0.02
0.05
0.1
0.2
0.5
V
= 2.5 V
GS
4 V
0.05, 0.1A
1
25
°C
Tc = –25
°C
75
°C
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
Pulse Test
Pulse Test
Pulse Test
V
= 10 V
Pulse Test
DS
0.002
0.005 0.01 0.02
0.05
0.1
0.2


Podobny numer części - 2SK2570

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SK2570 RENESAS-2SK2570 Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570ZL-TL-E RENESAS-2SK2570ZL-TL-E Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570ZL-TR-E RENESAS-2SK2570ZL-TR-E Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
More results

Podobny opis - 2SK2570

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK2802 HITACHI-2SK2802 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000_15 Datasheet
173Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK3000 RENESAS-2SK3000 Datasheet
119Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570 RENESAS-2SK2570 Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Hitachi Semiconductor
2SK3000 HITACHI-2SK3000 Datasheet
47Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com