Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2738 Arkusz danych(PDF) 5 Page - Hitachi Semiconductor

Numer części 2SK2738
Szczegółowy opis  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2738 Arkusz danych(HTML) 5 Page - Hitachi Semiconductor

  2SK2738 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2738 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2738 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2738 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2738 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2738 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2738 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2738 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2738 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SK2738
5
2.0
1.6
1.2
0.8
0.4
0
48
12
16
20
1
10
100
250
0.5
0.2
0.1
0.02
0.05
0.01
0.005
0.05
0.04
0.03
0.02
0.01
–40
0
40
80
120
160
0
1
2
5
10
20
50
100
100
50
10
20
2
5
1
20
5
I
= 20 A
D
V
= 4 V
GS
10 V
10 A
10, 20 A
I
= 50 A
D
10 A
20 A
V
= 4 V
GS
10 V
50 A
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
Pulse Test
Pulse Test
Pulse Test
25
°C
Tc = –25
°C
75
°C
V
= 10 V
Pulse Test
DS


Podobny numer części - 2SK2738

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SK2738 RENESAS-2SK2738 Datasheet
93Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK2738 VBSEMI-2SK2738 Datasheet
949Kb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2738 ISC-2SK2738 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2738-E RENESAS-2SK2738-E Datasheet
93Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Podobny opis - 2SK2738

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com