Zakładka z wyszukiwarką danych komponentów |
|
LCAX650-56-6 Arkusz danych(PDF) 1 Page - PANDUIT CORP. |
|
LCAX650-56-6 Arkusz danych(HTML) 1 Page - PANDUIT CORP. |
1 / 2 page ELECTRICAL SOLUTIONS Order number of pieces required, in multiples of Standard Package Quantity. Prime items appear in BOLD. B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Flex Conductor, One-Hole, Standard Barrel with Window Lug • Can be used with code conductor and flex conductor class: G, H, I, K, M and Diesel Locomotive • Generously beveled wire entry prevents bent back strands when inserting conductor into barrel • Color-coded barrels marked with Panduit and specified competitor die index numbers for proper crimp die selection • Inspection window to visually assure full conductor insertion • Tin-plated to inhibit corrosion • UL Listed and CSA Certified to 35 KV** and temperature rated to 90°C when crimped with Panduit and specified competitor crimping tools and dies • American Bureau of Shipping approved For Use with Flexible, Extra-Flexible, and Code Stranded Copper Conductors Type LCAX W L T B INSPECTION WINDOW ‡See pages D3.70 – D3.73 for tool and die information. *Not UL Listed or CSA Certified with Class K flex conductor when crimped with Burndy tools. **Consult cable manufacturer for voltage stress relief instructions with applications greater than 2000 V. Part Number Flex Conductor Size Code Conductor Size Stud Hole Size (In.) Figure Dimensions (In.) Panduit Color Code Panduit Die Index No.‡ Burndy Die Index No.‡ T&B Die Index No.‡ Wire Strip Length (In.) Std. Pkg. Qty. Class G, H, I, K, M Diesel Locomotive W B T L LCAX8-10-L #8 AWG #8 AWG #8 AWG #10 0.41 0.42 0.08 1.11 Red P21 49 21 1/2 50 LCAX8-14-L 1/4 0.48 0.42 0.07 1.20 Red P21 49 21 1/2 50 LCAX8-56-L 5/16 0.56 0.42 0.05 1.32 Red P21 49 21 1/2 50 LCAX8-38-L 3/8 0.60 0.42 0.05 1.42 Red P21 49 21 1/2 50 LCAX6-10-L #6 AWG #6 AWG #6 AWG #10 0.45 0.48 0.09 1.19 Blue P24 7 24 9/16 50 LCAX6-14-L 1/4 0.48 0.48 0.08 1.28 Blue P24 7 24 9/16 50 LCAX6-56-L 5/16 0.56 0.48 0.07 1.40 Blue P24 7 24 9/16 50 LCAX6-38-L 3/8 0.62 0.48 0.06 1.50 Blue P24 7 24 9/16 50 LCAX4-10-L #4 AWG #5, #4, #3 AWG #4 AWG #10 0.55 0.53 0.09 1.26 Gray P29 8 29 5/8 50 LCAX4-14-L 1/4 0.55 0.53 0.09 1.35 Gray P29 8 29 5/8 50 LCAX4-56-L 5/16 0.55 0.53 0.09 1.47 Gray P29 8 29 5/8 50 LCAX4-38-L 3/8 0.62 0.53 0.07 1.57 Gray P29 8 29 5/8 50 LCAX2-10-E* #2 AWG #2 AWG #2 AWG #10 0.70 0.59 0.11 1.40 Brown P33 10 33 11/16 20 LCAX2-14-E* 1/4 0.70 0.59 0.11 1.50 Brown P33 10 33 11/16 20 LCAX2-56-E* 5/16 0.70 0.59 0.11 1.63 Brown P33 10 33 11/16 20 LCAX2-38-E* 3/8 0.70 0.59 0.11 1.70 Brown P33 10 33 11/16 20 LCAX2-12-E* 1/2 0.75 0.59 0.09 1.94 Brown P33 10 33 11/16 20 LCAX1-10-X #1 AWG #1 AWG #1 AWG #10 0.76 0.66 0.12 1.50 Green P37 11 37 3/4 10 LCAX1-14-X 1/4 0.76 0.66 0.12 1.67 Green P37 11 37 3/4 10 LCAX1-56-X 5/16 0.76 0.66 0.12 1.72 Green P37 11 37 3/4 10 LCAX1-38-X 3/8 0.76 0.66 0.12 1.80 Green P37 11 37 3/4 10 LCAX1-12-X 1/2 0.80 0.66 0.12 2.03 Green P37 11 37 3/4 10 |
Podobny numer części - LCAX650-56-6 |
|
Podobny opis - LCAX650-56-6 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |