Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GMA15Y88 Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części GMA15Y88
Szczegółowy opis  1.5??8x8 Dot Matrix
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

GMA15Y88 Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

  GMA15Y88 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 7Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
GMZ15XX88_series
1.5” 8x8 Dot Matrix
Product: GMZ15XX88_series
Date: 07/13/2011
Page 7 of 8
Version# 1.2
Ordering Information:
Product
Spec Range
Quantity per tube
CC
CA
GMC15IB88
GMA15IB88
Iv=160mcd typ. @ IF=20mA
TBD
GMC15IG88
GMA15IG88
Iv=200mcd typ. @ IF=20mA
TBD
GMC15R88
GMA15R88
Iv=60mcd typ. @ IF=20mA
TBD
GMC15Y88
GMA15Y88
Iv=35mcd typ. @ IF=20mA
TBD
GMC15AG88
GMA15AG88
Iv=25mcd typ. @ IF=20mA
TBD


Podobny numer części - GMA15Y88

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GMA15Y88 ETC1-GMA15Y88 Datasheet
319Kb / 8P
   1.5inch 8x8 Dot Matrix
More results

Podobny opis - GMA15Y88

ProducentNumer częściArkusz danychSzczegółowy opis
logo
China Semiconductor Cor...
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137A9 CHINASEMI-CSM-88137A9 Datasheet
215Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137S CHINASEMI-CSM-88137S Datasheet
215Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137T9 CHINASEMI-CSM-88137T9 Datasheet
216Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137G CHINASEMI-CSM-88137G Datasheet
217Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88181EG CHINASEMI-CSM-88181EG Datasheet
274Kb / 7P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131M9 CHINASEMI-CSM-88131M9 Datasheet
219Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137V9 CHINASEMI-CSM-88137V9 Datasheet
209Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131G CHINASEMI-CSM-88131G Datasheet
213Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131A9 CHINASEMI-CSM-88131A9 Datasheet
210Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com