Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2885S Arkusz danych(PDF) 2 Page - Hitachi Semiconductor

Numer części 2SK2885S
Szczegółowy opis  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2885S Arkusz danych(HTML) 2 Page - Hitachi Semiconductor

  2SK2885S Datasheet HTML 1Page - Hitachi Semiconductor 2SK2885S Datasheet HTML 2Page - Hitachi Semiconductor 2SK2885S Datasheet HTML 3Page - Hitachi Semiconductor 2SK2885S Datasheet HTML 4Page - Hitachi Semiconductor 2SK2885S Datasheet HTML 5Page - Hitachi Semiconductor 2SK2885S Datasheet HTML 6Page - Hitachi Semiconductor 2SK2885S Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SK2885(L), 2SK2885(S)
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
30
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
45
A
Drain peak current
I
D(pulse)*
1
180
A
Body to drain diode reverse drain current
I
DR
45
A
Channel dissipation
Pch*
2
75
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10µs, duty cycle ≤ 1 %
2. Value at Tc = 25
°C


Podobny numer części - 2SK2885S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK2885S ISC-2SK2885S Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK2885S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com