Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F573PC Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74F573PC
Szczegółowy opis  Octal D-Type Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F573PC Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74F573PC Datasheet HTML 1Page - Fairchild Semiconductor 74F573PC Datasheet HTML 2Page - Fairchild Semiconductor 74F573PC Datasheet HTML 3Page - Fairchild Semiconductor 74F573PC Datasheet HTML 4Page - Fairchild Semiconductor 74F573PC Datasheet HTML 5Page - Fairchild Semiconductor 74F573PC Datasheet HTML 6Page - Fairchild Semiconductor 74F573PC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F573 contains eight D-type latches with 3-state out-
put buffers. When the Latch Enable (LE) input is HIGH,
data on the Dn inputs enters the latches. In this condition
the latches are transparent, i.e., a latch output will change
state each time its D input changes. When LE is LOW the
latches store the information that was present on the D
inputs a setup time preceding the HIGH-to-LOW transition
of LE. The 3-state buffers are controlled by the Output
Enable (OE) input. When OE is LOW, the buffers are in the
bi-state mode. When OE is HIGH the buffers are in the high
impedance mode but this does not interfere with entering
new data into the latches.
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
O0 = Value stored from previous clock cycle
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
D0–D7
Data Inputs
1.0/1.0
20
µA/−0.6 mA
LE
Latch Enable Input (Active HIGH)
1.0/1.0
20
µA/−0.6 mA
OE
3-STATE Output Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
O0–O7
3-STATE Latch Outputs
150/40(33.3)
−3 mA/24 mA (20 mA)
Inputs
Outputs
OE
LE
D
O
L
HHH
LH
L
L
LL
X
O0
HX
X
Z


Podobny numer części - 74F573PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F573PC NSC-74F573PC Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F573PC FAIRCHILD-74F573PC Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
logo
National Semiconductor ...
74F573PCQB NSC-74F573PCQB Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
74F573PCX NSC-74F573PCX Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
More results

Podobny opis - 74F573PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com