Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT573 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74HCT573
Szczegółowy opis  Octal D-type transparent latch 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT573 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT573 Datasheet HTML 7Page - NXP Semiconductors 74HCT573 Datasheet HTML 8Page - NXP Semiconductors 74HCT573 Datasheet HTML 9Page - NXP Semiconductors 74HCT573 Datasheet HTML 10Page - NXP Semiconductors 74HCT573 Datasheet HTML 11Page - NXP Semiconductors 74HCT573 Datasheet HTML 12Page - NXP Semiconductors 74HCT573 Datasheet HTML 13Page - NXP Semiconductors 74HCT573 Datasheet HTML 14Page - NXP Semiconductors 74HCT573 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
74HC_HCT573
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 15 August 2012
11 of 21
NXP Semiconductors
74HC573; 74HCT573
Octal D-type transparent latch; 3-state
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 9.
Enable and disable times
001aae307
tPLZ
tPHZ
outputs
disabled
outputs
enabled
90%
10%
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Measurement points are given in Table 8.
The shaded areas indicate when the input is permitted to change for predictable output performance.
Fig 10. Set-up and hold times for data input (Dn) to latch input (LE)
001aae084
VM
LE input
Dn input
VM
th
tsu
th
tsu
Table 8.
Measurement points
Type
Input
Output
VM
VM
74HC573
0.5VCC
0.5VCC
74HCT573
1.3 V
1.3 V


Podobny numer części - 74HCT573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT573 PHILIPS-74HCT573 Datasheet
61Kb / 7P
   Octal D-type transparent latch; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT573 NEXPERIA-74HCT573 Datasheet
279Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 10 September 2021
logo
NXP Semiconductors
74HCT573-Q100 NXP-74HCT573-Q100 Datasheet
253Kb / 19P
   Octal D-type transparent latch; 3-state
Rev. 2-16 August 2012
logo
Nexperia B.V. All right...
74HCT573-Q100 NEXPERIA-74HCT573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
74HCT573BQ NEXPERIA-74HCT573BQ Datasheet
279Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 10 September 2021
More results

Podobny opis - 74HCT573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com