Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA150-T31 Arkusz danych(PDF) 1 Page - Tumbler Technologies + TRUMPower

Numer części TPA150-T31
Szczegółowy opis  150 Watts Multiple Outputs Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRUMPOWER [Tumbler Technologies + TRUMPower]
Strona internetowa  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TPA150-T31 Arkusz danych(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TPA150-T31 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TPA150-T31 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TPA150 Series
150 Watts Multiple Outputs Power Adapters
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
FEATURES
• IEC 320/C14 AC Inlet
• Optional On/Off Switch
• Optional +5V/2A Standby Power
• Built-in Cooling Fan with Speed Control
• Compliant with RoHS Requirements
INPUT SPECIFICATIONS
Input Voltage Range ............ 90~264 VAC
Input Frequency ................... 47~63Hz
Input Current ........................ 2A rms @ 90 VAC;
1A rms @ 264 VAC
Inrush Current ..................... 25A max. @ 115 VAC at 25°C;
............................................. 50A max. @ 230 VAC at 25°C
Power Factor ....................... 0.95 min. @ 115 VAC
0.90 min. @ 230 VAC
OUTPUT SPECIFICATIONS
Output Power ....................... 150W max.
Output Voltage ..................... See table
Output Current ..................... See table
Output Regulation ............... ±5%
Ripple and Noise* .............. See table
Hold-up Time ....................... 10ms max. typical @ 115 VAC
Overvoltage Protection ........ Auto-recovery; Shutdown if +5Vsb
power exists
Overload Protection ............ Auto-recovery; Shutdown if +5Vsb
power exists
Short Circuit Protection........ Auto-recovery; Shutdown if +5Vsb
power exists
* Ripple & Noise is maximum peak-to-peak voltage value measured at output
within 20MHz bandwidth, at rated line voltage and output load ranges, and with a
10µF electrolytic capacitor in parallel with a 0.1µF ceramic capacitor across the
output connector.
GENERAL SPECIFICATIONS
Efficiency ............................. 80% min. @ full load, 115VAC
Switching Frequency ........... 50KHz
Operating Temperature ...... 0°C to +70°C
Storage Temperature .......... -10°C to +70°C
Operating Humidity ............. 20%~90% non-condensing
Derating ............................... Derate linearly 2.5% per °C, from
51°C to 70°C
Withstand Voltage ............... 4,242VDC input to output ;
............................................. 2,121VDC input to ground
MTBF .................................... 100K hours min. @ full load, 25°C
ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
EMC Standards .............. FCC/CISPR22/CE/EN 55022 Class B
Safety Standards ............ UL 60950-1, EN/IEC 60950-1,
CSA C22.2 No.60950-1
Agency Approvals ........... UL, cUL, TUV, FCC, CB, CE
Other Compliance .......... RoHS
MODELS LIST
.
o
N
t
c
u
d
o
r
P
g
n
i
t
a
R
t
u
p
t
u
O
r
e
w
o
P
.
x
a
M
*
e
s
i
o
N
&
e
l
p
p
i
R
e
g
a
t
l
o
V
t
n
e
r
r
u
C
.
x
a
M
1
2
D
-
0
5
1
A
P
T
V
5
+A
5
1
W
0
5
1
V
m
0
5
V
2
1
+A
8V
m
0
2
1
5
2
D
-
0
5
1
A
P
T
V
5
+A
5
1
W
0
5
1
V
m
0
5
V
9
1
+A
5V
m
0
9
1
6
2
D
-
0
5
1
A
P
T
V
2
1
+A
2
1
W
0
5
1
V
m
0
2
1
V
2
1
-A
5
.
1V
m
0
2
1
1
3
T
-
0
5
1
A
P
T
V
5
+A
5
1
W
0
5
1
V
m
0
5
V
2
1
+A
8V
m
0
2
1
V
2
1
-A
5
.
1V
m
0
2
1
0
4
Q
-
0
5
1
A
P
T
V
3
.
3
+A
6
W
0
5
1
V
m
0
5
V
5
+A
7V
m
0
5
V
2
1
+A
8V
m
0
2
1
V
2
1
-A
5
.
1V
m
0
2
1
Notes:
1) Add suffix “-V” to the P/N when ordering units with +5V/2A standby power.
2) Add suffix “-S” to theP/N when ordering units with on/off switch.
3) Other outputs available upon request.


Podobny numer części - TPA150-T31

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPA1505D TOPPOWER-TPA1505D Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1505D TOPPOWER-TPA1505D Datasheet
643Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1505D TOPPOWER-TPA1505D Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1505D-W25 TOPPOWER-TPA1505D-W25 Datasheet
715Kb / 3P
   0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1505DA TOPPOWER-TPA1505DA Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Podobny opis - TPA150-T31

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SL Power Electronics
ZPS-150 SLPOWER-ZPS-150 Datasheet
66Kb / 2P
   150, 200 WATTS 300, 400 WATTS (PFC AVAILABLE) WIDE RANGE ADJUSTABLE MULTIPLE OUTPUTS
logo
Tumbler Technologies + ...
3F-12-150 TRUMPOWER-3F-12-150 Datasheet
213Kb / 2P
   150 WATT POWER ADAPTERS
3F TRUMPOWER-3F Datasheet
213Kb / 2P
   150 WATT POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
   150 WATT MEDICAL POWER ADAPTERS
TRA60-65-72 TRUMPOWER-TRA60-65-72 Datasheet
221Kb / 1P
   60 ~ 72 Watts Power Adapters
TRA60 TRUMPOWER-TRA60 Datasheet
221Kb / 1P
   60 ~ 72 Watts Power Adapters
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
   30 Watts Medical Power Adapters
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
   90 WATTS MEDICAL POWER ADAPTERS
TRA150-180 TRUMPOWER-TRA150-180 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com