Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL1011A230A Arkusz danych(PDF) 2 Page - Littelfuse

Numer części SL1011A230A
Szczegółowy opis  Gas Discharge Tube (GDT) Products
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011A230A Arkusz danych(HTML) 2 Page - Littelfuse

  SL1011A230A Datasheet HTML 1Page - Littelfuse SL1011A230A Datasheet HTML 2Page - Littelfuse SL1011A230A Datasheet HTML 3Page - Littelfuse SL1011A230A Datasheet HTML 4Page - Littelfuse SL1011A230A Datasheet HTML 5Page - Littelfuse SL1011A230A Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
48
Revised: June 28, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1011A/B and SL1411A Series
SL1011A/B and SL1411A Series
Electrical Characteristics
Part Number
Device Specifications (at 25°C)
Life Ratings
DC Breakdown
in Volts1,2
(@100V/s)
Impulse
Breakdown
in Volts3
(@100V/μs)
Impulse
Breakdown
In Volts
(@1kV/μs)
Insulation
Resistance
Capaci-
tance
(@1MHz)
Arc
Voltage
(on state
Voltage)
@1Amp Min
Surge
Life
(@100A
10/1000μs)
Nominal
Impulse
Discharge
Current
(8/20μs)
Nominal
AC
Discharge
Current
(10x1s
@50-60Hz)
AC
Dischage
Current
(9 Cycles @
50Hz)
DC
Holdover
Voltage4
Max Impulse
Discharge Current
(1 Application)
MIN TYP MAX
MAX
MIN
MAX
TYP
TYP
@ 8/20μs
@ 10/350μs
Product Characteristics
Materials
Leaded Device: Nickel-plated with Tin-
plated wires
Core and Surface Mount: Dull Tin-plated
Product Marking
Littelfuse 'LF' Mark, voltage and date
code
Glow to Arc
Transition Current
< 0.5 Amps
Glow Voltage
~60 Volts
Storage and
Operational
Temperature
-40 to +90°C
Notes:
1. At delivery AQL 0.65 level II, DIN ISO 2859
2. In ionized mode
3. Comparable to the silicon measurement Switching Voltage (Vs)
4. Tested according to ITU-T Rec. K.12 < 150 msecs.


Podobny numer części - SL1011A230A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SL1011A230 LITTELFUSE-SL1011A230 Datasheet
177Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1011A230 LITTELFUSE-SL1011A230 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1011A230 LITTELFUSE-SL1011A230 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
More results

Podobny opis - SL1011A230A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com