Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC350 Arkusz danych(PDF) 2 Page - Tripp Lite. All Rights Reserved

Numer części BC350
Szczegółowy opis  BC Personal 350VA Ultra-compact Standby 120V UPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BC350 Arkusz danych(HTML) 2 Page - Tripp Lite. All Rights Reserved

  BC350 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
UPS Output Receptacles
6 5-15R outlet(s)
UPS Output Receptacles (Surge
Suppression Only)
3 UPS outlets, 3 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Half Load Runtime (min.)
10 min. (90w)
DC System Voltage (VDC)
12
LEDS ALARMS & SWITCHES
LED Indicators
2 LEDs indicate power status and overload/check battery status
Audible Alarm
Audible alarm indicates power-failure and overload status
Switches
Combination switch controls on/off power status and self-test operation
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
380
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower; Ultra-compact desktop
2 / 4


Podobny numer części - BC350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
BC350 JIANGSU-BC350 Datasheet
242Kb / 3P
   TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
BC350 WINNERJOIN-BC350 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
BC350-TO-92 JIANGSU-BC350-TO-92 Datasheet
242Kb / 3P
   TRANSISTOR (PNP)
logo
Tripp Lite. All Rights ...
BC350 TRIPPLITE-BC350_15 Datasheet
495Kb / 4P
   BC Personal 120V 350VA 180W Standby UPS,Ultra-Compact Desktop, 6 Outlets
More results

Podobny opis - BC350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
BC350 TRIPPLITE-BC350_15 Datasheet
495Kb / 4P
   BC Personal 120V 350VA 180W Standby UPS,Ultra-Compact Desktop, 6 Outlets
BCPERS300 TRIPPLITE-BCPERS300 Datasheet
485Kb / 4P
   BC Personal 300VA Tower Standby 120V UPS
logo
List of Unclassifed Man...
BCPERS300 ETC2-BCPERS300 Datasheet
488Kb / 5P
   BC Personal 300VA Tower Standby 120V UPS
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
   Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET350SER TRIPPLITE-INTERNET350SER Datasheet
489Kb / 4P
   Internet Office 350VA Ultra-compact Standby 120V
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
   Internet Office 350VA Ultra-compact Standby 120V
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
   Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET350SER ETC2-INTERNET350SER Datasheet
492Kb / 5P
   Internet Office 350VA Ultra-compact Standby 120V UPS with Serial port
logo
Tripp Lite. All Rights ...
BCPERS300 TRIPPLITE-BCPERS300_15 Datasheet
485Kb / 4P
   BC Personal 120V 300VA 180W Standby UPS,Tower, 3 Outlets
logo
List of Unclassifed Man...
BCPERS450 ETC2-BCPERS450 Datasheet
501Kb / 6P
   BC Personal 450VA Tower Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com