Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCPERS300 Arkusz danych(PDF) 4 Page - Tripp Lite. All Rights Reserved

Numer części BCPERS300
Szczegółowy opis  BC Personal 300VA Tower Standby 120V UPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BCPERS300 Arkusz danych(HTML) 4 Page - Tripp Lite. All Rights Reserved

  BCPERS300 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BCPERS300 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BCPERS300 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BCPERS300 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$100,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
4 / 4


Podobny numer części - BCPERS300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BCPERS300 ETC2-BCPERS300 Datasheet
488Kb / 5P
   BC Personal 300VA Tower Standby 120V UPS
logo
Tripp Lite. All Rights ...
BCPERS300 TRIPPLITE-BCPERS300_15 Datasheet
485Kb / 4P
   BC Personal 120V 300VA 180W Standby UPS,Tower, 3 Outlets
More results

Podobny opis - BCPERS300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BCPERS300 ETC2-BCPERS300 Datasheet
488Kb / 5P
   BC Personal 300VA Tower Standby 120V UPS
logo
Tripp Lite. All Rights ...
BCPERS300 TRIPPLITE-BCPERS300_15 Datasheet
485Kb / 4P
   BC Personal 120V 300VA 180W Standby UPS,Tower, 3 Outlets
logo
List of Unclassifed Man...
BCPERS450 ETC2-BCPERS450 Datasheet
501Kb / 6P
   BC Personal 450VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450 Datasheet
498Kb / 4P
   BC Personal 450VA Tower Standby 120V UPS with USB port
BC350 TRIPPLITE-BC350 Datasheet
494Kb / 4P
   BC Personal 350VA Ultra-compact Standby 120V UPS
BCPERS450 TRIPPLITE-BCPERS450_15 Datasheet
498Kb / 4P
   BC Personal 120V 450VA 280W Standby UPS,Tower, USB port, 3 Outlets
logo
Tumbler Technologies + ...
OMNISMART300PNP TRUMPOWER-OMNISMART300PNP Datasheet
489Kb / 5P
   OmniSmart 300VA Tower Line-Interactive 120V UPS
logo
List of Unclassifed Man...
BCPRO1400 ETC2-BCPRO1400 Datasheet
492Kb / 6P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400 Datasheet
488Kb / 4P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
BCPRO600 TRIPPLITE-BCPRO600 Datasheet
483Kb / 4P
   BC Pro 600VA Tower Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com