Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVX125SJ Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74LVX125SJ
Szczegółowy opis  Low Voltage Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX125SJ Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74LVX125SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX125 Rev. 1.4.0
4
AC Electrical Characteristics
Note:
3. Parameter guaranteed by design tOSLH = |tPLHm–tPLHn|, tOSHL = |tPHLm–tPHLn|
Capacitance
Note:
4. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load.
Average operating current can be obtained by the eqation: ICC(opr.) =
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay
Time, Data to
Output
2.7
CL = 15pF
5.8
10.1
1.0
13.5
ns
CL = 50pF
8.3
13.6
1.0
17.0
3.3 ± 0.3
CL = 15pF
4.4
6.2
1.0
8.5
CL = 50pF
6.9
9.7
1.0
12.0
tPZH, tPZL
Output Enable Time
2.7
CL = 15pF, RL = 1kΩ
5.3
9.3
1.0
12.5
ns
CL = 50pF, RL = 1kΩ
7.8
12.8
1.0
16.0
3.3 ± 0.3
CL = 15pF, RL = 1kΩ
4.0
5.6
1.0
7.5
CL = 50pF, RL = 1kΩ
6.5
9.1
1.0
11.0
tPHZ, tPLZ
Output Disable
Time
2.7
CL = 50pF, RL = 1kΩ
10.0
15.7
1.0
19.0
ns
3.3 ± 0.3
CL = 50pF, RL = 1kΩ
8.3
11.2
1.0
13.0
tOSHL, tOSLH Output to Output
Skew(3)
2.7
CL = 50pF
1.5
1.5
ns
3.3
1.5
1.5
Symbol
Parameter
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance(4)
14
pF
C
PD
V
CC
f
IN
I
CC
×
×
×
4 per bit
,
()
---------------------------------------------------------


Podobny numer części - 74LVX125SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX125SJ FAIRCHILD-74LVX125SJ Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125SJ FAIRCHILD-74LVX125SJ Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74LVX125SJ ONSEMI-74LVX125SJ Datasheet
316Kb / 9P
   Low Voltage Quad Buffer
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX125SJ FAIRCHILD-74LVX125SJ_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
More results

Podobny opis - 74LVX125SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTCX FAIRCHILD-74LVX125MTCX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com