Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP122 Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions

Numer części TIP122
Szczegółowy opis  NPN SILICON POWER DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP122 Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions

  TIP122 Datasheet HTML 1Page - Bourns Electronic Solutions TIP122 Datasheet HTML 2Page - Bourns Electronic Solutions TIP122 Datasheet HTML 3Page - Bourns Electronic Solutions TIP122 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TIP120, TIP121, TIP122
NPN SILICON POWER DARLINGTONS
P RO D UCT
INFORMA TION
1
DECEMBER 1971 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
Designed for Complementary Use with
TIP125, TIP126 and TIP127
65 W at 25°C Case Temperature
5 A Continuous Collector Current
Minimum hFE of 1000 at 3 V, 3 A
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.52 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 5 mA, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = 20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIP120
TIP121
TIP122
VCBO
60
80
100
V
Collector-emitter voltage (IB = 0)
TIP120
TIP121
TIP122
VCEO
60
80
100
V
Emitter-base voltage
VEBO
5V
Continuous collector current
IC
5A
Peak collector current (see Note 1)
ICM
8A
Continuous base current
IB
0.1
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
65
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2W
Unclamped inductive load energy (see Note 4)
½LIC
2
50
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C
This series is obsolete and
not recommended for new designs.
OBSOLET
E


Podobny numer części - TIP122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP122 MOSPEC-TIP122 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Bourns Electronic Solut...
TIP122 BOURNS-TIP122 Datasheet
97Kb / 4P
   NPN SILICON POWER DARLINGTONS
logo
TRANSYS Electronics Lim...
TIP122 TEL-TIP122 Datasheet
57Kb / 1P
   Plastic-Encapsulated Transistors
logo
Nanjing International G...
TIP122 DGNJDZ-TIP122 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
TIP122 ETC-TIP122 Datasheet
810Kb / 5P
   BASE NPN / PNP
More results

Podobny opis - TIP122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com