Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT14-Q100 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74HCT14-Q100
Szczegółowy opis  Hex inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT14-Q100 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT14-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74HC_HCT14_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 19 April 2013
8 of 20
NXP Semiconductors
74HC14-Q100; 74HCT14-Q100
Hex inverting Schmitt trigger
13. Transfer characteristics
14. Transfer characteristics waveforms
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74HC14-Q100
VCC
6.0 ns
15 pF, 50 pF
tPLH, tPHL
74HCT14-Q100
3.0 V
6.0 ns
15 pF, 50 pF
tPLH, tPHL
Table 10.
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see Figure 8 and Figure 9.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
74HC14-Q100
VT+
positive-going
threshold
voltage
VCC = 2.0 V
0.7
1.18
1.5
0.7
1.5
0.7
1.5
V
VCC = 4.5 V
1.7
2.38
3.15
1.7
3.15
1.7
3.15
V
VCC = 6.0 V
2.1
3.14
4.2
2.1
4.2
2.1
4.2
V
VT
negative-going
threshold
voltage
VCC = 2.0 V
0.3
0.52
0.9
0.3
0.9
0.3
0.9
V
VCC = 4.5 V
0.9
1.4
2.0
0.9
2.0
0.9
2.0
V
VCC = 6.0 V
1.2
1.89
2.6
1.2
2.6
1.2
2.6
V
VH
hysteresis
voltage
VCC = 2.0 V
0.2
0.66
1.0
0.2
1.0
0.2
1.0
V
VCC = 4.5 V
0.4
0.98
1.4
0.4
1.4
0.4
1.4
V
VCC = 6.0 V
0.6
1.25
1.6
0.6
1.6
0.6
1.6
V
74HCT14-Q100
VT+
positive-going
threshold
voltage
VCC = 4.5 V
1.2
1.41
1.9
1.2
1.9
1.2
1.9
V
VCC = 5.5 V
1.4
1.59
2.1
1.4
2.1
1.4
2.1
V
VT
negative-going
threshold
voltage
VCC = 4.5 V
0.5
0.85
1.2
0.5
1.2
0.5
1.2
V
VCC = 5.5 V
0.6
0.99
1.4
0.6
1.4
0.6
1.4
V
VH
hysteresis
voltage
VCC = 4.5 V
0.4
0.56
-
0.4
-
0.4
-
V
VCC = 5.5 V
0.4
0.6
-
0.4
-
0.4
-
V
Fig 8.
Transfer characteristics
Fig 9.
Transfer characteristics definitions
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−


Podobny numer części - 74HCT14-Q100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT14-Q100 NEXPERIA-74HCT14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
More results

Podobny opis - 74HCT14-Q100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com