Zakładka z wyszukiwarką danych komponentów |
|
74HCT14-Q100 Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
74HCT14-Q100 Arkusz danych(HTML) 1 Page - NXP Semiconductors |
1 / 21 page 1. General description The 74HC14-Q100; 74HCT14-Q100 is a high-speed Si-gate CMOS device and is pin compatible with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard No. 7A. The 74HC14-Q100; 74HCT14-Q100 provides six inverting buffers with Schmitt-trigger action. They are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications. 2. Features and benefits Automotive product qualification in accordance with AEC-Q100 (Grade 1) Specified from 40 C to +85 C and from 40 C to +125 C Low-power dissipation ESD protection: MIL-STD-883, method 3015 exceeds 2000 V HBM JESD22-A114F exceeds 2000 V MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 ) Multiple package options 3. Applications Wave and pulse shapers Astable multivibrators Monostable multivibrators 74HC14-Q100; 74HCT14-Q100 Hex inverting Schmitt trigger Rev. 4 — 19 April 2013 Product data sheet |
Podobny numer części - 74HCT14-Q100 |
|
Podobny opis - 74HCT14-Q100 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |