Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT14-Q100 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HCT14-Q100
Szczegółowy opis  Hex inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT14-Q100 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT14-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 12Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 13Page - NXP Semiconductors 74HCT14-Q100 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
74HC_HCT14_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 19 April 2013
10 of 20
NXP Semiconductors
74HC14-Q100; 74HCT14-Q100
Hex inverting Schmitt trigger
15. Application information
The slow input rise and fall times cause additional power dissipation, this can be
calculated using the following formula:
Padd =fi  (tr ICC(AV) +tf ICC(AV))  VCC where:
Padd = additional power dissipation (W);
fi = input frequency (MHz);
tr =rise time (ns); 10 %to90%;
tf = fall time (ns); 90 % to 10 %;
I
CC(AV) = average additional supply current (A).
Average
I
CC(AV) differs with positive or negative input transitions, as shown in Figure 12
and Figure 13.
An example of a relaxation circuit using the 74HC14-Q100; 74HCT14-Q100 is shown
in Figure 14.
a. VCC =4.5 V
b. VCC =5.5 V
Fig 11. Typical 74HCT transfer characteristics
05
1.5
0
0.3
0.6
0.9
1.2
12
3
4
mna849
ICC
(mA)
VI (V)
01
2
3
6
1.8
0
0.6
0.3
1.2
1.5
0.9
45
mna850
ICC
(mA)
VI (V)


Podobny numer części - 74HCT14-Q100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT14-Q100 NEXPERIA-74HCT14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
More results

Podobny opis - 74HCT14-Q100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com