Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STF701-LF-T7 Arkusz danych(PDF) 1 Page - Protek Devices

Numer części STF701-LF-T7
Szczegółowy opis  Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROTEC [Protek Devices]
Strona internetowa  http://www.protekdevices.com
Logo PROTEC - Protek Devices

STF701-LF-T7 Arkusz danych(HTML) 1 Page - Protek Devices

  STF701-LF-T7 Datasheet HTML 1Page - Protek Devices STF701-LF-T7 Datasheet HTML 2Page - Protek Devices STF701-LF-T7 Datasheet HTML 3Page - Protek Devices STF701-LF-T7 Datasheet HTML 4Page - Protek Devices STF701-LF-T7 Datasheet HTML 5Page - Protek Devices STF701-LF-T7 Datasheet HTML 6Page - Protek Devices STF701-LF-T7 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05129.R11 10/12
Page 1
STF701
emi FilTeR/TvS aRRay
DeScRiPTion
The STF701 is a TVS/Filter combination network designed to reduce EMI/RFI noise on data I/O ports and provide
transient voltage protection and noise suppression on transceivers operating up to 100 MHz.
This device is packaged in a SC70-5L configuration with a common ground pin for both TVS/Filter networks. Each
device consists of two networks to be used for common-mode protection against ESD and other transients.
FeaTuReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• ESD Protection > 25 kilovolts
• 175 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Bidirectional EMI Filtering
• Low Insertion Loss Up to 10MHz, -3dB Roll-Off @ 40MHz
• Protection for 2 Data Lines
• RoHS Compliant
• REACH Compliant
mechanical chaRacTeRiSTicS
• Molded JEDEC SC70-5L Package
• Approximate Weight: 7milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
aPPlicaTionS
• SMART Phones
• Portable Electronics
Pin conFiGuRaTion
Sc70-5l PackaGe
1
3
5
4
2
OUT 1
OUT 2
IN 1
GND
IN 2


Podobny numer części - STF701-LF-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
STF701 SEMTECH-STF701 Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
logo
Protek Devices
STF701 PROTEC-STF701 Datasheet
114Kb / 4P
   EMI FILTER/TVS ARRAY
STF701 PROTEC-STF701 Datasheet
705Kb / 7P
   emi filter/tvs array
logo
Semtech Corporation
STF701TC SEMTECH-STF701TC Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
STF701TG SEMTECH-STF701TG Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
More results

Podobny opis - STF701-LF-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Youtai Semico...
PSD03 UMW-PSD03 Datasheet
478Kb / 5P
   Compatible with IEC 61000-4-2 (ESD): Air -15kV, Contact - 8kV
PSOT03 UMW-PSOT03 Datasheet
594Kb / 5P
   Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
PSM712 UMW-PSM712 Datasheet
497Kb / 4P
   Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
UAD8C05L01 UMW-UAD8C05L01 Datasheet
368Kb / 4P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32A05L01 UMW-SDD32A05L01 Datasheet
413Kb / 3P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32C05L01 UMW-SDD32C05L01 Datasheet
416Kb / 3P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
logo
Pan Jit International I...
PJE5UFN10A PANJIT-PJE5UFN10A Datasheet
152Kb / 5P
   IEC61000-4-2(ESD): 15kV Air, 8kV Contact Compliance
logo
Guangdong Youtai Semico...
SET23AXXL02 UMW-SET23AXXL02 Datasheet
408Kb / 5P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
logo
First Silicon Co., Ltd
PE12A-0402 FS-PE12A-0402 Datasheet
241Kb / 4P
   IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV
logo
AMAZING Microelectronic...
AZKN1040T AMAZING-AZKN1040T Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com