Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCD30-48S15 Arkusz danych(PDF) 3 Page - Power Mate Technology Co., LTD

Numer części LCD30-48S15
Szczegółowy opis  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  P-DUKE [Power Mate Technology Co., LTD]
Strona internetowa  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LCD30-48S15 Arkusz danych(HTML) 3 Page - Power Mate Technology Co., LTD

  LCD30-48S15 Datasheet HTML 1Page - Power Mate Technology Co., LTD LCD30-48S15 Datasheet HTML 2Page - Power Mate Technology Co., LTD LCD30-48S15 Datasheet HTML 3Page - Power Mate Technology Co., LTD LCD30-48S15 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LCD30
3
www.PDUKE.com
2014/04/30
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input(Output) to Case
1600
1000
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
1500
pF
Switching frequency
3.3Vout, 5Vout
Others
248
297
275
330
303
363
kHz
Safety approvals
UL60950-1
EN60950-1
IEC60950-1
Case material
Copper
Base material
FR4 PCB
Potting material
Silicone (UL94 V-0)
Weight
16.5g (0.58oz)
MTBF
MIL-HDBK-217F, Full load
1.303 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
Without derating
With derating
-40
+50
+50
+100
Maximum case temperature
105
Over temperature protection
115
Storage temperature range
-55
+125
Thermal impedance
Vertical direction by natural convection (20LFM)
Without heat-sink
With heat-sink
15.0
13.8
℃/W
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI (3)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (4)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (4)
EN61000-4-5
± 2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Note:
1.
Test by minimum input and constant resistive load.
2.
Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external
resistor between the Trim pin and either +Vout pin or -Vout pin.
3.
The standard modules meet EN55022 Class A and Class B with external components. For further information, please contact with P-DUKE.
4.
The external input components are required if the module has to meet EN61000-4-4, EN61000-4-5.
The LCD30-12XXX recommended an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS
(SMDJ58A, 58V, 3000Watt peak pulse power) to connect in parallel.
The LCD30-24XXX and LCD30-48XXX recommended an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V).
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Podobny numer części - LCD30-48S15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Mate Technology C...
LCD30-48S15W P-DUKE-LCD30-48S15W Datasheet
492Kb / 4P
   DC-DC CONVERTER
More results

Podobny opis - LCD30-48S15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com