Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP2540N8-G Arkusz danych(PDF) 4 Page - Supertex, Inc

Numer części TP2540N8-G
Szczegółowy opis  P-Channel Enhancement Mode Vertical DMOS FETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUTEX [Supertex, Inc]
Strona internetowa  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2540N8-G Arkusz danych(HTML) 4 Page - Supertex, Inc

  TP2540N8-G Datasheet HTML 1Page - Supertex, Inc TP2540N8-G Datasheet HTML 2Page - Supertex, Inc TP2540N8-G Datasheet HTML 3Page - Supertex, Inc TP2540N8-G Datasheet HTML 4Page - Supertex, Inc TP2540N8-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TP2535
Supertex inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Typical Performance Curves (cont.)
Gate Drive Dynamic Characteristics
Q (nanocoulombs)
G
Tj
V
DS
(th) and R
Variation with Temperature
C)
°
(
On-Resistance vs. Drain Current
(amperes)
D
Variation with Temperature
DSS
C)
°
(
Tj
Transfer Characteristics
VGS (volts)
Capacitance vs. Drain-to-Source Voltage
200
VDS (volts)
I
BV
0
-10
-20
-30
-40
150
100
0
0
-2
-4
-6
-8
-10
-2
-1.6
-1.2
-0.8
-0.4
0
-50
0
50
100
150
1.1
1.0
100
80
60
40
20
0
1.2
1.1
1.0
0.9
0.8
-10
-8
-6
-4
-2
0
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
60pF
VDS = - 40V
VDS = - 10V
VGS = -4.5V
VGS = -10V
T = -55°C
A
VDS = - 25V
125°C
0
-0.4
-0.8
-1.2
-2.0
-1.6
f = 1MHz
CISS
COSS
0.9
190 pF
2.5
2.0
1.5
1.0
0.5
0
(th)
V
@ -1mA
25°C
50
0
CRSS
RDS(ON) @ -10V, -0.1A


Podobny numer części - TP2540N8-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Supertex, Inc
TP2540N8 SUTEX-TP2540N8 Datasheet
481Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
More results

Podobny opis - TP2540N8-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Supertex, Inc
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs????
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com