Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC05 Arkusz danych(PDF) 1 Page - Hitachi Semiconductor

Numer części 74HC05
Szczegółowy opis  Hex Inverters (with Open Drain Outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74HC05 Arkusz danych(HTML) 1 Page - Hitachi Semiconductor

  74HC05 Datasheet HTML 1Page - Hitachi Semiconductor 74HC05 Datasheet HTML 2Page - Hitachi Semiconductor 74HC05 Datasheet HTML 3Page - Hitachi Semiconductor 74HC05 Datasheet HTML 4Page - Hitachi Semiconductor 74HC05 Datasheet HTML 5Page - Hitachi Semiconductor 74HC05 Datasheet HTML 6Page - Hitachi Semiconductor 74HC05 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HD74HC05
Hex Inverters (with Open Drain Outputs)
Features
• High Speed Operation: t
pd = 9 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
Pin Arrangement
1
2
3
4
5
6
7
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
14
13
12
11
10
9
8
(Top view)


Podobny numer części - 74HC05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74HC05 STMICROELECTRONICS-74HC05 Datasheet
227Kb / 9P
   HEX INVERTER OPEN DRAIN
February 1993
74HC05 STMICROELECTRONICS-74HC05 Datasheet
168Kb / 8P
   HEX INVERTER OPEN DRAIN
logo
Texas Instruments
74HC05 TI-74HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Toshiba Semiconductor
74HC05 TOSHIBA-74HC05 Datasheet
218Kb / 5P
   HEX INVERTER (OPEN DRAIN)
logo
System Logic Semiconduc...
74HC05 SLS-74HC05 Datasheet
35Kb / 5P
   Hex Inverter with Open-Drain Outputs
More results

Podobny opis - 74HC05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com