Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC05 Arkusz danych(PDF) 2 Page - Hitachi Semiconductor

Numer części 74HC05
Szczegółowy opis  Hex Inverters (with Open Drain Outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74HC05 Arkusz danych(HTML) 2 Page - Hitachi Semiconductor

  74HC05 Datasheet HTML 1Page - Hitachi Semiconductor 74HC05 Datasheet HTML 2Page - Hitachi Semiconductor 74HC05 Datasheet HTML 3Page - Hitachi Semiconductor 74HC05 Datasheet HTML 4Page - Hitachi Semiconductor 74HC05 Datasheet HTML 5Page - Hitachi Semiconductor 74HC05 Datasheet HTML 6Page - Hitachi Semiconductor 74HC05 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74HC05
2
DC Characteristics
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
1.5
V
4.5
3.15 —
3.15
6.0
4.1
4.2
V
IL
2.0
0.5
0.5
V
4.5
1.35 —
1.35
6.0
1.8
1.8
Off-state output
current
Io (off)
6.0
±0.5 —
±5.0 µA
Vin = V
IH or VIL
Vout = V
CC or GND
Output voltage
V
OL
2.0
0.0
0.1
0.1
V
Vin = V
IH or VIL
I
OL = 20 µA
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
4.5
0.26 —
0.33
I
OL = 4 mA
6.0
0.26 —
0.33
I
OL = 5.2 mA
Input current
Iin
6.0
±0.1 —
±1.0 µA
Vin = V
CC or GND
Quiescent supply
current
I
CC
6.0
1.0
10
µA
Vin = V
CC or GND, Iout = 0 µA
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
LZ
2.0
90
115
ns
time
4.5
10
18
23
6.0
15
20
t
ZL
2.0
90
115
ns
4.5
6
18
23
6.0
15
20
Output fall time
t
THL
2.0
75
95
ns
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Podobny numer części - 74HC05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74HC05 STMICROELECTRONICS-74HC05 Datasheet
227Kb / 9P
   HEX INVERTER OPEN DRAIN
February 1993
74HC05 STMICROELECTRONICS-74HC05 Datasheet
168Kb / 8P
   HEX INVERTER OPEN DRAIN
logo
Texas Instruments
74HC05 TI-74HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Toshiba Semiconductor
74HC05 TOSHIBA-74HC05 Datasheet
218Kb / 5P
   HEX INVERTER (OPEN DRAIN)
logo
System Logic Semiconduc...
74HC05 SLS-74HC05 Datasheet
35Kb / 5P
   Hex Inverter with Open-Drain Outputs
More results

Podobny opis - 74HC05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com