Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC4538 Arkusz danych(PDF) 10 Page - Hitachi Semiconductor

Numer części 74HC4538
Szczegółowy opis  Dual Precision Retriggerable/Resettable Monostable Multivibrators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74HC4538 Arkusz danych(HTML) 10 Page - Hitachi Semiconductor

Back Button 74HC4538 Datasheet HTML 6Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 7Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 8Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 9Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 10Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 11Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 12Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 13Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HD74HC4538
10
Trigger Input A
(Pin 4 or 12)
Trigger Input B
(Pin 5 or 11)
Trigger-Control
Circuit Output
T2 Input
(Pin 2 or 14)
Upper Reference
Circuit Output
Lower Reference
Circuit Output
Reset Latch
Output
Vref Upper
Vref Lower
Q Output
(Pin 6 or 10)
Reset Input CD
(Pin 3 or 13)
Quiescent
State
Trigger Cycle (A Input)
Trigger Cycle (B Input)
Reset
trr
Retrigger
A
A
B
B
50%
50%
50%
50%
(Retriggered Pulse)
50%
50%
50%
90%
90%
90%
10%
10%
10%
50%
50%
Q
CD
Q
Q
Q
tWQ
tW (H)
tPLH
tWQ
tPLH
tPHL
tTHL
tPLH
tf
tr
trr
tWQ+trr
tTLH
tW (L)
tPHL
tPHL
tW (L)
tWQ
tWQ+trr
7
8
21
17
14
24
25
22
20 23
9
3
4
5
6
1
2
11
15
13
12
13
10
19
16
Fig. 2 Timing Diagram


Podobny numer części - 74HC4538

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74HC4538 ONSEMI-74HC4538 Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
logo
STMicroelectronics
74HC4538 STMICROELECTRONICS-74HC4538 Datasheet
288Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Texas Instruments
74HC4538 TI-74HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
logo
Toshiba Semiconductor
74HC4538 TOSHIBA-74HC4538 Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results

Podobny opis - 74HC4538

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HD74HC4538 RENESAS-HD74HC4538 Datasheet
204Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrators
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
Texas Instruments
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Texas Instruments
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com