Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSB1023TU Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KSB1023TU
Szczegółowy opis  Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB1023TU Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KSB1023TU Datasheet HTML 1Page - Fairchild Semiconductor KSB1023TU Datasheet HTML 2Page - Fairchild Semiconductor KSB1023TU Datasheet HTML 3Page - Fairchild Semiconductor KSB1023TU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Silicon Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
- 60
V
VCEO
Collector-Emitter Voltage
- 40
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 3
A
ICP
Collector Current (Pulse)
- 6
A
IB
Base Current
- 0.3
A
PC
Collector Dissipation (Ta=25°C)
2
W
PC
Collector Dissipation (TC=25°C)
20
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC = - 25mA, IB = 0
- 40
V
ICBO
Collector Cut-off Current
VCB = - 60V, IE = 0
- 20
µA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 2.5
mA
hFE1
hFE2
DC Current Gain
VCE = - 2V, IC = - 1A
VCE = - 2V, IC = - 3A
2000
1000
VCE(sat)
Collector-Emitter Saturation Voltage
IC = - 2A, IB = - 4mA
- 1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = - 2A, IB = - 4mA
- 2
V
tON
Turn ON Time
VCC = - 30V, IC = - 3A
IB1 = - IB2 = - 6mA
RL = 10Ω
0.3
µs
tSTG
Storage Time
0.6
µs
tF
Fall Time
0.25
µs
KSB1023
Power Amplifier Applications
• High DC Current Gain
• Low Collector-Emitter Saturation Voltage
• Complement to KSD1413
1
1.Base
2.Collector
3.Emitter
TO-220F


Podobny numer części - KSB1023TU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSB1023 FAIRCHILD-KSB1023 Datasheet
46Kb / 4P
   Power Amplifier Applications
More results

Podobny opis - KSB1023TU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com