Zakładka z wyszukiwarką danych komponentów |
|
KRA-17 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers |
|
KRA-17 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page TK-2300VP/3300UP Compact VHF/UHF FM Portable Radios The compact ProTalk ® TK-2300VP/3300UP, Kenwood’s latest envoy for professional grade job site portables sets the standard on ruggedness, features and performance. The perfect solution for construction, retail, hospitality, warehousing, industrial, facilities management and rental fleet applications. The modern design contours present a functional and attractive form factor. COMPACT DESIGN The ergonomic contours of the ProTalk® naturally fit the hand for a superbly comfortable hold. The non-slip elastomer channel knob and switch torque ensures positive selection and resists accidental changing. 4 & 16 CHANNEL MODELS Select ProTalk® 4 or 16 channel models which will fit your needs and requirements. A great selection providing plenty of capacity for multiple channels or radio systems. FREQUENCY & QT/DQT The ProTalk® VHF (TK-2300VP) 4 & 16 channel models has 27 pre-stored frequencies while the ProTalk® UHF (TK-3300UP) 4 or 16 channel models has 89 pre-stored frequencies. Both models have 39 QT tones and 83 DQT codes. Users can program a ProTalk® to any of the pre-stored frequencies and QT/DQT’s, assuring compatibility with other brand radios. *QT & DQT may also be referred to under other brand acronyms as PL, CG, CTCSS & DPL, DCG, DCS. SUPER LOCK Managers can ‘‘Super Lock’’ all user controls (except PTT and volume) to prevent accidental channel changes. WIRELESS CLONING This wireless feature simplifies the setup of several ProTalk® radios to function identically and eliminates repetitive setup actions of individual radios. (Dealer function only) CALLING ALERT Pressing on the Calling Alert key while transmitting causes an alert tone to sound from the other radio’s speaker. This is a useful function to signal staff in noisy environments. INTERNAL VOX/HANDS FREE READY VOX (voice-operated transmission) is invaluable for specialized tasks or events that require repetitive hands-free communications. The radio itself provides automatic PTT action, so the user simply talks. VOX works with a Kenwood-compatible headset. TOUGH & WATER RESISTANT Built tough for rugged work environments, the ProTalk® has been designed to pass industrial drop tests, international IP54/55 water and dust intrusion tests and 11 categories of the U.S. Department of Defense MIL-STD 810 C, D, E & F environmental standards tests. 2 WATTS TRANSMIT POWER / RANGE UP to 6 MILES The ProTalk® offers 2 watts of power to enable direct radio-to-radio communication on the same frequency (simplex) for up to 6 miles*. *Talk range will vary based on terrain, conditions and type of radio. OTHER FEATURES • Time Out Timer • Battery Save and Low Battery Warning • Scan • Channel confirmation mode • Voice Inversion Scrambler by Channel Conditions Open areas without obstructions Residential areas (near buildings) In steel and/ or concrete reinforced buildings In high-rise buildings ProTalk® Up to 6 miles (9.6 km) Up to 1.5 miles (2.4 km) Up to 250,000Sq. (23,220 Sq. m) Up to 20 floors |
Podobny numer części - KRA-17 |
|
Podobny opis - KRA-17 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |