Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBJ100A Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SMBJ100A
Szczegółowy opis  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBJ100A Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SMBJ100A Datasheet HTML 1Page - Vishay Siliconix SMBJ100A Datasheet HTML 2Page - Vishay Siliconix SMBJ100A Datasheet HTML 3Page - Vishay Siliconix SMBJ100A Datasheet HTML 4Page - Vishay Siliconix SMBJ100A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMBJ5.0A thru SMBJ188A
www.vishay.com
Vishay General Semiconductor
Revision: 10-Dec-12
2
Document Number: 88392
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMBG/SMBJ5.8CA, the maximum VBR is 7.25 V
(6) VF = 3.5 V at IF = 50 A (uni-directional only)
(+) Underwriters laboratory recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both uni-directional and bi-directional devices
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MODIFIED
“J” BEND LEAD
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA) (3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
(+)SMBJ5.0A (5)
KE
KE
6.40
7.07
10
5.0
800
65.2
9.2
(+)SMBJ6.0A
KG
KG
6.67
7.37
10
6.0
800
58.3
10.3
(+)SMBJ6.5A
KK
AK
7.22
7.98
10
6.5
500
53.6
11.2
(+)SMBJ7.0A
KM
KM
7.78
8.60
10
7.0
200
50.0
12.0
(+)SMBJ7.5A
KP
AP
8.33
9.21
1.0
7.5
100
46.5
12.9
(+)SMBJ8.0A
KR
AR
8.89
9.83
1.0
8.0
50
44.1
13.6
(+)SMBJ8.5A
KT
AT
9.44
10.4
1.0
8.5
20
41.7
14.4
(+)SMBJ9.0A
KV
AV
10.0
11.1
1.0
9.0
10
39.0
15.4
(+)SMBJ10A
KX
AX
11.1
12.3
1.0
10
5.0
35.3
17.0
(+)SMBJ11A
KZ
KZ
12.2
13.5
1.0
11
5.0
33.0
18.2
(+)SMBJ12A
LE
BE
13.3
14.7
1.0
12
5.0
30.2
19.9
(+)SMBJ13A
LG
LG
14.4
15.9
1.0
13
1.0
27.9
21.5
(+)SMBJ14A
LK
BK
15.6
17.2
1.0
14
1.0
25.9
23.2
(+)SMBJ15A
LM
BM
16.7
18.5
1.0
15
1.0
24.6
24.4
(+)SMBJ16A
LP
LM
17.8
19.7
1.0
16
1.0
23.1
26.0
(+)SMBJ17A
LR
LR
18.9
20.9
1.0
17
1.0
21.7
27.6
(+)SMBJ18A
LT
BT
20.0
22.1
1.0
18
1.0
20.5
29.2
(+)SMBJ20A
LV
LV
22.2
24.5
1.0
20
1.0
18.5
32.4
(+)SMBJ22A
LX
BX
24.4
26.9
1.0
22
1.0
16.9
35.5
(+)SMBJ24A
LZ
BZ
26.7
29.5
1.0
24
1.0
15.4
38.9
(+)SMBJ26A
ME
CE
28.9
31.9
1.0
26
1.0
14.3
42.1
(+)SMBJ28A
MG
MG
31.1
34.4
1.0
28
1.0
13.2
45.4
(+)SMBJ30A
MK
CK
33.3
36.8
1.0
30
1.0
12.4
48.4
(+)SMBJ33A
MM
CM
36.7
40.6
1.0
33
1.0
11.3
53.3
(+)SMBJ36A
MP
CP
40.0
44.2
1.0
36
1.0
10.3
58.1
(+)SMBJ40A
MR
CR
44.4
49.1
1.0
40
1.0
9.3
64.5
(+)SMBJ43A
MT
CT
47.8
52.8
1.0
43
1.0
8.6
69.4
(+)SMBJ45A
MV
MV
50.0
55.3
1.0
45
1.0
8.3
72.7
(+)SMBJ48A
MX
MX
53.3
58.9
1.0
48
1.0
7.8
77.4
(+)SMBJ51A
MZ
MZ
56.7
62.7
1.0
51
1.0
7.3
82.4
(+)SMBJ54A
NE
NE
60.0
66.3
1.0
54
1.0
6.9
87.1
(+)SMBJ58A
NG
NG
64.4
71.2
1.0
58
1.0
6.4
93.6
(+)SMBJ60A
NK
NK
66.7
73.7
1.0
60
1.0
6.2
96.8
(+)SMBJ64A
NM
NM
71.1
78.6
1.0
64
1.0
5.8
103
(+)SMBJ70A
NP
NP
77.8
86.0
1.0
70
1.0
5.3
113
(+)SMBJ75A
NR
NR
83.3
92.1
1.0
75
1.0
5.0
121
(+)SMBJ78A
NT
NT
86.7
95.8
1.0
78
1.0
4.8
126
(+)SMBJ85A
NV
NV
94.4
104
1.0
85
1.0
4.4
137
(+)SMBJ90A
NX
NX
100
111
1.0
90
1.0
4.1
146
(+)SMBJ100A
NZ
NZ
111
123
1.0
100
1.0
3.7
162
(+)SMBJ110A
PE
PE
122
135
1.0
110
1.0
3.4
177
(+)SMBJ120A
PG
PG
133
147
1.0
120
1.0
3.1
193
(+)SMBJ130A
PK
PK
144
159
1.0
130
1.0
2.9
209
(+)SMBJ150A
PM
PM
167
185
1.0
150
1.0
2.5
243
(+)SMBJ160A
PP
PP
178
197
1.0
160
1.0
2.3
259
(+)SMBJ170A
PR
PR
189
209
1.0
170
1.0
2.2
275
SMBJ188A
PS
PS
209
231
1.0
188
1.0
2.0
328


Podobny numer części - SMBJ100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
SMBJ100A JGD-SMBJ100A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ100A SOCAY-SMBJ100A Datasheet
632Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ100A LITTELFUSE-SMBJ100A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ100A LITTELFUSE-SMBJ100A Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Weitron Technology
SMBJ100A WEITRON-SMBJ100A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Podobny opis - SMBJ100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com