Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NEZ1011-8E Arkusz danych(PDF) 1 Page - NEC

Numer części NEZ1011-8E
Szczegółowy opis  8W X, Ku-BAND POWER GaAs MESFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

NEZ1011-8E Arkusz danych(HTML) 1 Page - NEC

  NEZ1011-8E Datasheet HTML 1Page - NEC NEZ1011-8E Datasheet HTML 2Page - NEC NEZ1011-8E Datasheet HTML 3Page - NEC NEZ1011-8E Datasheet HTML 4Page - NEC NEZ1011-8E Datasheet HTML 5Page - NEC NEZ1011-8E Datasheet HTML 6Page - NEC NEZ1011-8E Datasheet HTML 7Page - NEC NEZ1011-8E Datasheet HTML 8Page - NEC NEZ1011-8E Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The information in this document is subject to change without notice.
N-CHANNEL GaAs MESFET
NEZ1011-8E, NEZ1414-8E
8W X, Ku-BAND POWER GaAs MESFET
1998
©
Document No. P13730EJ1V0DS00 (1st edition)
Date Published September 1998 N CP(K)
Printed in Japan
DATA SHEET
DESCRIPTION
The NEZ1011-8E and NEZ1414-8E are power GaAs MESFETs which provide high gain, high efficiency and high
output in X, Ku-band. The internal input and output matching enables guaranteed performance to be achieved with
only a 50
Ω external circuit. To reduce thermal resistance the device has a PHS (Plated Heat Sink) structure. The
device incorporates a WSi (tungsten silicide) gate structure for high reliability.
FEATURES
High Output Power : Po (1 dB) = +39.5 dBm typ.
High Linear Gain
: 6.5 dB typ.
High Efficiency
: 25 % typ.
Input and Output Internally Matched for Optimum performance
ORDERING INFORMATION
Part Number
Package
NEZ1011-8E
NEZ1414-8E
T-61
Remark To order evaluation samples, please contact your local NEC sales office.
(Part number for sample order: NEZ1011-8E, NEZ1414-8E)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Operation in excess of any one of these parameters may result in permanent damage.
Parameter
Symbol
Ratings
Unit
Drain to Source Voltage
VDS
15
V
Gate to Source Voltage
VGS
–7
V
Drain Current
IDS
10
A
Gate Forward Current
IGF
+80
mA
Gate Reverse Current
IGR
–80
mA
Total Power Dissipation
PT
60
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
–65 to +175
°C
Caution Please handle this device at static-free workstation, because this is an electrostatic sensitive
device.


Podobny numer części - NEZ1011-8E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
NEZ1011-8E RENESAS-NEZ1011-8E Datasheet
162Kb / 6P
   GaAs MES FET
1997
More results

Podobny opis - NEZ1011-8E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
   2W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
NEC
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
   4W X, Ku-BAND POWER GaAs MESFET
NE960R275 NEC-NE960R275_01 Datasheet
29Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
   Ku-BAND MEDIUM POWER GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
   LOW NOISE KU-BAND GAAS MESFET
NE710 NEC-NE710 Datasheet
279Kb / 7P
   LOW NOISE Ku-K BAND GaAs MESFET
NE760 NEC-NE760 Datasheet
276Kb / 7P
   LOW NOISE KU-K BAND GAAS MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com