Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHC373SJX Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74VHC373SJX
Szczegółowy opis  Octal D-Type Latch with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC373SJX Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74VHC373SJX Datasheet HTML 1Page - Fairchild Semiconductor 74VHC373SJX Datasheet HTML 2Page - Fairchild Semiconductor 74VHC373SJX Datasheet HTML 3Page - Fairchild Semiconductor 74VHC373SJX Datasheet HTML 4Page - Fairchild Semiconductor 74VHC373SJX Datasheet HTML 5Page - Fairchild Semiconductor 74VHC373SJX Datasheet HTML 6Page - Fairchild Semiconductor 74VHC373SJX Datasheet HTML 7Page - Fairchild Semiconductor 74VHC373SJX Datasheet HTML 8Page - Fairchild Semiconductor 74VHC373SJX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC373 Rev. 1.3
5
AC Electrical Characteristics
Notes:
3. Parameter guaranteed by design. tOSLH = |tPLH max – tPLH min |; tOSHL = |tPHL max – tPHL min|
4. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (opr.) = CPD • VCC • fIN + ICC/8 (per Latch). The total CPD when n pcs. of the Latch operates can be
calculated by the equation: CPD(total) = 14 + 13n.
AC Operating Requirements
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL Propagation Delay
Time (LE to On)
3.3 ± 0.3
CL = 15pF
7.0
11.0
1.0
13.0
ns
CL = 50pF
9.5
14.5
1.0
16.5
5.0 ± 0.5
CL = 15pF
4.9
7.2
1.0
8.5
ns
CL = 50pF
6.4
9.2
1.0
10.5
tPLH, tPHL Propagation Delay
Time (D to On)
3.3 ± 0.3
CL = 15pF
7.3
11.4
1.0
13.5
ns
CL = 50pF
9.8
14.9
1.0
17.0
5.0 ± 0.5
CL = 15pF
5.0
7.2
1.0
8.5
CL = 50pF
6.5
9.2
1.0
10.5
tPZL, tPZH 3-STATE Output
Enable Time
3.3 ± 0.3
RL = 1kΩ
CL = 15pF
7.3
11.4
1.0
13.5
ns
CL = 50pF
9.8
14.9
1.0
17.0
5.0 ± 0.5
CL = 15pF
5.5
8.1
1.0
9.5
ns
CL = 50pF
7.0
10.1
1.0
11.5
tPLZ, tPHZ 3-STATE Output
Disable Time
3.3 ± 0.3
RL = 1kΩ
CL = 50pF
9.5
13.2
1.0
15.0
ns
5.0 ± 0.5
CL = 50pF
6.5
9.2
1.0
10.5
tOSLH,
tOSHL
Output to Output
Skew
3.3 ± 0.3
(3)
CL = 50pF
1.5
1.5
ns
5.0 ± 0.5
CL = 50pF
1.0
1.0
CIN
Input Capacitance
VCC = Open
4
10
10
pF
COUT
Output Capacitance
VCC = 5.0V
6
pF
CPD
Power Dissipation
Capacitance
(4)
27
pF
Symbol
Parameter
VCC (V)
TA = +25°C
TA = –40°C to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tW(H)
Minimum Pulse Width
(LE)
3.3 ± 0.3
5.0
5.0
ns
5.0 ± 0.5
5.0
5.0
tS
Minimum Set-Up Time
3.3 ± 0.3
4.0
4.0
ns
5.0 ± 0.5
4.0
4.0
tH
Minimum Hold Time
3.3 ± 0.3
1.0
1.0
ns
5.0 ± 0.5
1.0
1.0


Podobny numer części - 74VHC373SJX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC373SJ FAIRCHILD-74VHC373SJ Datasheet
104Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHC373SJ ONSEMI-74VHC373SJ Datasheet
280Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHC373SJ FAIRCHILD-74VHC373SJ_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results

Podobny opis - 74VHC373SJX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com