Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5059 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FAN5059
Szczegółowy opis  High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5059 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5059 Datasheet HTML 2Page - Fairchild Semiconductor FAN5059 Datasheet HTML 3Page - Fairchild Semiconductor FAN5059 Datasheet HTML 4Page - Fairchild Semiconductor FAN5059 Datasheet HTML 5Page - Fairchild Semiconductor FAN5059 Datasheet HTML 6Page - Fairchild Semiconductor FAN5059 Datasheet HTML 7Page - Fairchild Semiconductor FAN5059 Datasheet HTML 8Page - Fairchild Semiconductor FAN5059 Datasheet HTML 9Page - Fairchild Semiconductor FAN5059 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
FAN5059
PRODUCT SPECIFICATION
6
REV. 1.0.4 8/14/03
Typical Operating Characteristics
(VCCA = 5V, VCCP = 12V, and TA = +25°C using circuits in Figure 1, unless otherwise noted.)
Droop, VCPU = 2.0V, RD = 8K Ω
2.04
2.03
2.02
2.01
2.00
1.99
1.98
1.97
1.96
1.95
1.94
0
3
6
9
12
15
18
Output Current (A)
Output Programming, VID4 = 1
3.5
3.0
2.5
2.0
1.5
1.0
DAC Setpoint
2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2. 3.3 3.4 3.5
VCPU Efficiency vs. Output Current
88
86
84
82
80
78
76
74
72
70
68
66
64
Output Current (A)
0
3
6
9
12
15
18
VOUT = 1.550V
VOUT = 2.000V
Output Programming, VID4 = 0
2.1
1.9
1.7
1.5
1.3
1.1
DAC Setpoint
1.30 1.40
1.50
1.60
1.70
1.80
1.90
2.00
0
5
10
15
20
25
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
CPU Output Voltage vs. Output Current
Output Current (A)


Podobny numer części - FAN5059

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5059 FAIRCHILD-FAN5059 Datasheet
206Kb / 18P
   High Performance Programmable Synchronous
More results

Podobny opis - FAN5059

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5071 FAIRCHILD-FAN5071 Datasheet
424Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5058 FAIRCHILD-RC5058 Datasheet
257Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com