Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7041 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7041
Szczegółowy opis  Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7041 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS7041 Datasheet HTML 6Page - Texas Instruments ADS7041 Datasheet HTML 7Page - Texas Instruments ADS7041 Datasheet HTML 8Page - Texas Instruments ADS7041 Datasheet HTML 9Page - Texas Instruments ADS7041 Datasheet HTML 10Page - Texas Instruments ADS7041 Datasheet HTML 11Page - Texas Instruments ADS7041 Datasheet HTML 12Page - Texas Instruments ADS7041 Datasheet HTML 13Page - Texas Instruments ADS7041 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C023
Maximum
Minimum
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.8
2.1
2.4
2.7
3
3.3
3.6
Reference Voltage (V)
C02
Maximum
Minimum
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C021
Maximum
Minimum
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.8
2.1
2.4
2.7
3
3.3
3.6
Reference Voltage (V)
C022
Maximum
Minimum
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
0
128
256
384
512
640
768
896
1024
Code
C019
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
0
128
256
384
512
640
768
896
1024
Code
C020
ADS7041
SBAS675A – NOVEMBER 2014 – REVISED NOVEMBER 2014
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, AVDD = 3 V, DVDD = 1.8 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
AVDD = 1.8 V
AVDD = 1.8 V
Figure 20. Typical DNL
Figure 21. Typical INL
AVDD = 3 V
Figure 22. DNL vs Free-Air Temperature
Figure 23. DNL vs Reference Voltage (AVDD)
AVDD = 3 V
Figure 24. INL vs Free-Air Temperature
Figure 25. INL vs Reference Voltage (AVDD)
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADS7041


Podobny numer części - ADS7041

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7041IDCUR TI1-ADS7041IDCUR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041IDCUT TI1-ADS7041IDCUT Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041IRUGR TI1-ADS7041IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
More results

Podobny opis - ADS7041

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7039-Q1 TI1-ADS7039-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com